Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 71 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 67Page - STMicroelectronics L9963E Datasheet HTML 68Page - STMicroelectronics L9963E Datasheet HTML 69Page - STMicroelectronics L9963E Datasheet HTML 70Page - STMicroelectronics L9963E Datasheet HTML 71Page - STMicroelectronics L9963E Datasheet HTML 72Page - STMicroelectronics L9963E Datasheet HTML 73Page - STMicroelectronics L9963E Datasheet HTML 74Page - STMicroelectronics L9963E Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 184 page
background image
4.11.11
Oscillator main clock monitoring
The oscillator used for the main logic functionalities and digital timings is monitored with a redundant oscillator
that is electrically independent from the main one. Redundant oscillator is used just for safety purpose, in order
to check a possible stuck condition. It can be activated by setting clk_mon_en = 1, and the confirmation of its
activation can be read back via the clk_mon_init_done bit.
If a frequency difference greater than Freq_diff occurs between the two redundant clocks, the OSCFail flag is
set.
4.11.11.1
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
9.6 V < VBAT < 64 V; -40 °C < Tambient < 105 °C
Main Oscillator Electrical parameters
Table 53. Main oscillator electrical parameters
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit.
FMAIN_OSC
Internal MAIN Oscillator frequency
15
16
17
MHz
FAUX_OSC
Internal redundant Oscillator frequency
15
16
17
MHz
Freq_diff
Delta oscillator check
15
%
4.11.12
Stand-by oscillator main clock monitoring
The Stand-by oscillator is used in both Normal operation and low power modes. It keeps alive all the standby
functionalities, including wakeup circuitries, during Sleep, Silent Balancing and Cyclic Wakeup. It is also
responsible for clocking the balancing activity during Normal, Cyclic Wakeup and Silent Balancing operation.
Thanks to this oscillator, balancing drivers can be continuously protected against a sudden short event, even
in low power modes. In order to guarantee a maximum coverage against latent failures that could prevent from
balancing short detection, such oscillator is monitored with a redundant oscillator that is electrically independent
from the main one. Redundant oscillator is always available and is used just for safety purposes, in order to
check a possible stuck condition of the main one. In case the main oscillator gets stuck, the Balancing Drivers are
automatically switched off. This guarantees a fail safe operation, preventing infinite balancing duration.
If the failure happens while the device is in Normal mode, the communication with L9963E will still be functional.
If the failure occurs while the device is in a Low Power mode, L9963E will fail safely, but it will be impossible to
wake up.
4.11.13
Regulator UV/OV diagnostic
VTREF, VCOM, VREG regulators have dedicated UV/OV diagnostic implementation. If one of these regulated
voltages goes lower than the corresponding UV threshold or higher than the corresponding OV threshold for a
time longer than the corresponding digital filter, the related fault flag is latched. Failure is then propagated through
the FAULT Line.
In case of UV/OV detection:
•
Corresponding fault flag is set and latched into Faults1 register
•
Fault is propagated through the FAULT Line
•
In the specific case of VREG OV, Bootstrap and Balance functions are disabled
•
In the specific case of VREG UV, Balance is disabled
4.11.14
Regulator self test
All power supplies are provided with a dedicate undervoltage or overvoltage test.
An analog self test on UV/OV comparators is implemented in order to guarantee high robustness safety
requirements. Such a BIST can be requested via Voltage Conversion Routine:
•
VTREF
•
VCOM
•
VREG
L9963E
Safety and diagnostic features
DS13636 - Rev 12
page 71/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com