Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 35 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 35 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 31Page - STMicroelectronics L9963E Datasheet HTML 32Page - STMicroelectronics L9963E Datasheet HTML 33Page - STMicroelectronics L9963E Datasheet HTML 34Page - STMicroelectronics L9963E Datasheet HTML 35Page - STMicroelectronics L9963E Datasheet HTML 36Page - STMicroelectronics L9963E Datasheet HTML 37Page - STMicroelectronics L9963E Datasheet HTML 38Page - STMicroelectronics L9963E Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 184 page
background image
4.2.4.3
Broadcast access
The Broadcast access allows sending a WRITE command over the communication bus to all the L9963E units.
Broadcast READ is not supported.
The broadcast write is followed by an echo frame generated by the L9963E Master unit. This is necessary in
order to avoid multiple devices accessing the communication bus simultaneously, in order to generate a conflict
error.
Table 27. SPI protocol: broadcast access frame
Dev ID = 0000
Address
DATA WRITE
CRC
Special Answer
(0000)
Address ECHO
DATA WRITE ECHO
CRC
L9963E Master unit will answer to a broadcast READ command with the following frame:
Table 28. SPI protocol: broadcast read answer frame
Dev ID = 0000
Address
DATA WRITE
CRC
Special Answer
(0000)
Address ECHO
0x0
CRC
Table 29. Broadcast access frame field description:
Field
Length
Value
Description
P.A.
1 bit
1
Command sent by Master unit (MOSI)
R/W
1 bit
1
Write
Dev ID
5 bit
0x0
The 0x0 address identifies broadcast commands
Address
7 bit
From 0x00 to 0x5F
Identifies the y-th register of the device
Address ECHO
GSW
2 bit
0b00
Refer to Section 4.2.4.5 Global Status Word (GSW)
CRC
6 bit
From 0x00 to 0x3F
CRC calculated on the [39-7] field of the frame. Refer to
Section 4.2.4.6 CRC calculation
DATA WRITE
18 bit
Depends on the
register
Data to be written in the y-th register of the x-th device
DATA WRITE
ECHO
Special Answer
5 bit
0x0
Identifies the ECHO frame issued in a broadcast write protocol
L9963E
Serial communication interface
DS13636 - Rev 12
page 35/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com