Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 22 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 22 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 18Page - STMicroelectronics L9963E Datasheet HTML 19Page - STMicroelectronics L9963E Datasheet HTML 20Page - STMicroelectronics L9963E Datasheet HTML 21Page - STMicroelectronics L9963E Datasheet HTML 22Page - STMicroelectronics L9963E Datasheet HTML 23Page - STMicroelectronics L9963E Datasheet HTML 24Page - STMicroelectronics L9963E Datasheet HTML 25Page - STMicroelectronics L9963E Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 184 page
background image
L9963E pin
SPI function
Configuration
ISOLm_NCS
Chip Select (CS)
Digital input. Active low.
GPIO8_SCK
Serial Clock (SCK)
Digital input.
GPIO9_SDO
Serial Data Out (SDO)
Digital output
A 40-bit frame is used including a 6-bit CRC.
Refer to Section 4.2.4 SPI protocol details for further details about the protocol.
Table 14. SPI interface quick look
Parameter
Description
Protocol
Out of frame
Single Frame Length
40 bit
Addressable Devices
15
Frame protection
6 bit CRC
Max. Frequency
5 MHz
CPOL
0
CPHA
0
Master/Slave configuration
MCU Master / L9963E Slave
4.2.3
Isolated Serial Peripheral Interface
The Isolated SPI interface allows units with different ground levels and on different boards to communicate with
each other. Physically the interface is based on a twisted-pair wire with transformer isolators.
The isolated SPI pinout is listed in the following table:
Table 15. Isolated SPI pinout
Pin
SPI Function
Configuration
ISOLp_SDI
Port L positive differential input/output
Analog input/output
ISOLm_NCS
Port L negative differential input/output
Analog input/output
ISOHp
Port H positive differential input/output
Analog input/output
ISOHm
Port H negative differential input/output
Analog input/output
L9963E
Serial communication interface
DS13636 - Rev 12
page 22/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com