Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 25Page - STMicroelectronics L9963E Datasheet HTML 26Page - STMicroelectronics L9963E Datasheet HTML 27Page - STMicroelectronics L9963E Datasheet HTML 28Page - STMicroelectronics L9963E Datasheet HTML 29Page - STMicroelectronics L9963E Datasheet HTML 30Page - STMicroelectronics L9963E Datasheet HTML 31Page - STMicroelectronics L9963E Datasheet HTML 32Page - STMicroelectronics L9963E Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 184 page
background image
4.2.4.2
Burst access
The Burst Access supports only READ commands. It can be used to reduce the time needed to readout long data
series from a single unit. The addressed unit receives the Burst command and starts replying the requested data
frame by frame towards the MCU. Any reply is buffered into L9963E Master unit, which passes it to the MCU on
its next command.
Figure 14. Burst access
1st
MOSI
Dummy Frames (all zeroes)
Last MOSI
1st
MISO
Burst Answer
NCS
SCK
MOSI
MISO
TWAIT
Table 21 describes the burst frame sequence.
•
In case L9963E is configured in SPI mode, its internal buffer will store answers incoming from upper units.
Apply the following strategy to download the burst data:
–
First frame (sent with a single NCS window as a normal command)
◦
First MOSI contains the corresponding Burst command (see Table 23 for available commands)
◦
First MISO stores the answer to the previous MCU command, as per out-of-frame behavior
–
Wait for burst answer to come back to the Master unit
◦
400 μs (in case iso_freq_sel = 11)
◦
3 ms (in case iso_freq_sel = 00)
–
Intermediate frames (all downloaded keeping NCS low)
◦
Intermediate MOSI can be dummy commands (e.g. all zeroes). They are not interpreted by the
L9963E SPI logic
◦
Intermediate MISO contain burst data formatted as in Table 21
–
Last frame (attached to intermediate frames, keeping NCS low)
◦
Last MOSI must be a valid command, because it will be interpreted by L9963E SPI logic
◦
Last MISO contains last burst data register (MISOn) as shown in Table 21
•
In case L9963E transceiver is interposed between MCU and L9963E, refer to the L9963T datasheet. The
Application Information section hosts a paragraph explaining how to handle burst commands.
Table 21. SPI protocol: answer to a burst read request
Dev ID
Command
Unused (Any Data Is Possible)
CRC
Dev ID
Command feedback
DATA READ
CRC
Dev ID
1 1
Frame Num
(00010)
DATA READ
CRC
L9963E
Serial communication interface
DS13636 - Rev 12
page 29/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com