Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 72 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 72 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 68Page - STMicroelectronics L9963E Datasheet HTML 69Page - STMicroelectronics L9963E Datasheet HTML 70Page - STMicroelectronics L9963E Datasheet HTML 71Page - STMicroelectronics L9963E Datasheet HTML 72Page - STMicroelectronics L9963E Datasheet HTML 73Page - STMicroelectronics L9963E Datasheet HTML 74Page - STMicroelectronics L9963E Datasheet HTML 75Page - STMicroelectronics L9963E Datasheet HTML 76Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 184 page
background image
In case of wrong self test detection:
•
Corresponding fault flag is set and latched into BIST_COMP register
•
Fault is propagated through the FAULT Line
•
Voltage conversion routine goes into Configuration Override
4.11.15
Regulator current limitation
Regulators VANA, VTREF, VCOM have dedicated current limitation features (refer to Table 45).
4.11.16
GPIO short FAULT
When GPIO are configured as digital outputs, they are short-protected. GPIO output value is monitored via the
input Schmitt Trigger. If it differs from the programmed GPOxOn for a time interval longer than TFILT_GPIO_ECHO,
the short fault is detected.
In case of short detection:
•
Corresponding fault flag is set and latched into GPOxshort register;
•
Fault is propagated through the FAULT Line;
•
Corresponding output buffer is put in HiZ.
The output re-engagement strategy is:
1.
Toggle GPOxOn bit;
2.
Clear GPOxshort latch via SPI read;
3.
Reprogram GPOxOn bit to the desired value.
GPIO short detection is not available for GPIO9 when configured as SDO in SPI mode.
4.11.17
GPIO open fault (GPIO3-9)
When GPIO are used as analog inputs, it is possible to detect if an open wire has occurred between the pin
and the RNTC resistances on the board. To do this, a pulldown current IGPIO_PD_OPEN is turned on and, after
TGPIO_OPEN_SET, GPIO voltage is converted with TCYCLEADC_000; if converted voltage is lower than a threshold
VGPIO_OL, the open load detection occurs. This diagnostics is available just for GPIO3-9, if configured as analog
input.
In case of open detection (with GPIO configured as analog input):
•
Corresponding fault flag is set and latched into GPIOX_OPEN register;
•
Fault is propagated through the FAULT Line;
•
Voltage conversion routine goes into Configuration Override.
In case connection to the external NTC is lost at the PCB connector, the GPIO is pulled up to VTREF, thus
causing OV/UT failure when the GPIO is converted. MCU is responsible for programming an OV/UT threshold
below VTREF, in order to catch such event.
Figure 21 shows the equivalent series open resistance vs. temperature. The estimation has been made
considering an NTC with R25°C and B = 3984 K. The calculation already accounts for the presence of the series
filtering resistor and the BOM recommended in Table 83.
Estimation of the GPIO open resistance in the NTC analog front end
ROPEN=VTREF* RNTCT
RNTCT +RPU
IGPIO_PD_OPEN − RPU*RNTCT
RPU+RNTCT −RFIL
− VGPIO_OL
IGPIO_PD_OPEN
(12)
L9963E
Safety and diagnostic features
DS13636 - Rev 12
page 72/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com