Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 56 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 56 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 52Page - STMicroelectronics L9963E Datasheet HTML 53Page - STMicroelectronics L9963E Datasheet HTML 54Page - STMicroelectronics L9963E Datasheet HTML 55Page - STMicroelectronics L9963E Datasheet HTML 56Page - STMicroelectronics L9963E Datasheet HTML 57Page - STMicroelectronics L9963E Datasheet HTML 58Page - STMicroelectronics L9963E Datasheet HTML 59Page - STMicroelectronics L9963E Datasheet HTML 60Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 184 page
background image
4.8.3
Electrical parameters
All parameters are tested and guaranteed in the following conditions, unless otherwise noted:
9.6 V < VBAT < 64 V; -40 °C < Tambient < 105 °C
Table 45. Regulators electrical characteristics
Symbol
Parameter
Test conditions
Min.
Typ. Max. Unit
VVREG
Regulated voltage
Tested with external Iload =
10 mA/120 mA
9.6 V < VBAT < 70 V
6
6.5
7
V
VREGLOAD_TRAN
Transient load regulation
VBAT = 9.6/80
I = 10 mA → 120 mA
-120
120
mV
RPD_NPNDRV
Pulldown resistor on NPNDRV
pin
VREG regulator OFF
1
MΩ
VVREG_ovs
Overshoot at power on
IVREG = 10 mA
CVREG = 4.7 μF
6.8
V
TVREG_SOFT_START
Soft start time
IVREG = 10 mA
CVREG = 4.7 μF
100
300
500
μs
VVREG_UV
Under voltage monitor
5
5.5
6
V
VVREG_UV_HYS
Under voltage monitor
hysteresis
100
250
mV
VVREG_OV
Over voltage monitor
7
7.5
8
V
VVREG_OV_HYS
Over voltage monitor hysteresis
100
250
mV
TVREG_FILT
UV/OV digital filter time
Tested in SCAN
17
20
23
μs
VVCOM
Regulated voltage
Tested with external Iload = 0,
10 mA
5.8 V < VREG < 7.2 V
4.8
5
5.2
V
IVCOM_curr_lim
Current limitation
Measured with VCOM = 0 V
50
75
100
mA
IVCOM_ext
Current budget for supplying
external components
Application info
25
mA
VVCOM_UV
Under voltage monitor
4.25
4.5
4.75
V
VVCOM_UV_HYS
Under voltage monitor
hysteresis
100
250
mV
VVCOM_OV
Over voltage monitor
5.25
5.5
5.75
V
VVCOM_OV_HYS
Over voltage monitor hysteresis
100
250
mV
TVCOM_FILT
UV/OV filter
Tested in SCAN
17
20
23
μs
VVTREF
Regulated voltage
Tested with external Iload = 0,
10 mA
5.8 V < VREG < 7.2 V
4.8
4.958
5.1
V
VVTREF_TEMP_SPREAD
Maximum negative variation of
VTREF in respect to the room
temperature value
Tested with external Iload = 0
5.8 V < VREG < 7.2 V
Guarantee by design
-12
mV
IVTREF_curr_lim
Current limitation
Measured with VTREF = 0 V
50
75
100
mA
IVTREF_ext
Current budget for supplying
external components
Application info
50
mA
VVTREF_UV
Under voltage monitor
4.25
4.5
4.75
V
L9963E
Device regulators
DS13636 - Rev 12
page 56/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com