Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 122 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 122 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 118Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 119Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 120Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 121Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 122Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 123Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 124Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 125Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 126Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 121 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.8.3 Interrupt Controller
11.8.4 JTAG Interface
Figure 11-79. JTAG Interface Timing
Table 11-75. Interrupt Controller AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
Delay from interrupt signal input to ISR
code execution from main line code[91]
–
–
12
Tcy CPU
Delay from interrupt signal input to ISR
code execution from ISR code
(tail-chaining)[91]
–
–
6
Tcy CPU
TDI
TCK
T_TDI_setup
TDO
(1/f_TCK)
T_TDI_hold
T_TDO_valid
T_TDO_hold
TMS
T_TMS_setup T_TMS_hold
Table 11-76. JTAG Interface AC Specifications[92]
Parameter
Description
Conditions
Min
Typ
Max
Units
f_TCK
TCK frequency
3.3 V
≤ VDDD ≤ 5 V
–
–
12[93]
MHz
1.71 V
≤ VDDD < 3.3 V
–
–
7[93]
MHz
T_TDI_setup
TDI setup before TCK high
(T/10) – 5
–
–
ns
T_TMS_setup
TMS setup before TCK high
T/4
–
–
T_TDI_hold
TDI, TMS hold after TCK high
T = 1/f_TCK max
T/4
–
–
T_TDO_valid
TCK low to TDO valid
T = 1/f_TCK max
–
–
2T/5
T_TDO_hold
TDO hold after TCK high
T = 1/f_TCK max
T/4
–
–
T_nTRST
Minimum nTRST pulse width
f_TCK = 2 MHz
8
–
–
ns
Notes
91. Arm Cortex-M3 NVIC spec. Visit www.arm.com for detailed documentation about the Cortex-M3 CPU.
92. Based on device characterization (Not production tested).
93. f_TCK must also be no more than 1/3 CPU clock frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com