Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY8C3465PVC-LP Datasheet(PDF) 124 Page - Infineon Technologies AG

Part # CY8C3465PVC-LP
Description  Programmable System-on-Chip (PSoC®)
PDF  140 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

CY8C3465PVC-LP Datasheet(HTML) 124 Page - Infineon Technologies AG

Back Button CY8C3465PVC-LP Datasheet HTML 120Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 121Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 122Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 123Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 124Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 125Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 126Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 127Page - Infineon Technologies AG CY8C3465PVC-LP Datasheet HTML 128Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 140 page
background image
Document Number: 001-84932 Rev. *N
Page 123 of 139
PSoC® 5LP: CY8C58LP Family
Datasheet
11.9 Clocking
Specifications are valid for –40 °C
≤ TA ≤ 105 °C and TJ ≤ 120 °C, except where noted. Specifications are valid for 1.71 V to 5.5 V,
except where noted. Unless otherwise specified, all charts and graphs show typical values
11.9.1 Internal Main Oscillator
Figure 11-81. IMO Current vs. Frequency
Table 11-79. IMO DC Specifications[97]
Parameter
Description
Conditions
Min
Typ
Max
Units
Icc_imo
Supply current
74.7 MHz
–
–
730
µA
62.6 MHz
–
–
600
µA
48 MHz
–
–
500
µA
24 MHz – USB mode
With oscillator locking to USB bus
–
–
500
µA
24 MHz – non-USB mode
–
–
300
µA
12 MHz
–
–
200
µA
6 MHz
–
–
180
µA
3 MHz
–
–
150
µA
400
500
600
700
0
100
200
300
0
10203040506070
80
Frequency, MHz
Note
97. Based on device characterization (Not production tested).
Table 11-80. IMO AC Specifications
Parameter
Description
Conditions
Min
Typ
Max
Units
FIMO[98]
IMO frequency stability (with factory trim)
74.7 MHz
–7
–
7
%
62.6 MHz
–7
–
7
%
48 MHz
–5
–
5
%
24 MHz – non-USB mode
–4
–
4
%
24 MHz – USB mode
With oscillator locking to USB bus
–0.25
–
0.25
%
12 MHz
–3
–
3
%
6 MHz
–2
–
2
%
3 MHz
0 °C to 70 °C
–1
–
1
%
–40 °C to 105 °C
–1.5
–
1.5
%
3-MHz frequency stability after typical
PCB assembly post-reflow
Typical (non-optimized) board layout and
250 °C solder reflow. Device may be calibrated
after assembly to improve performance.
–±2%
–
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com