Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 131Page - Renesas Technology Corp RZ/G2E Datasheet HTML 132Page - Renesas Technology Corp RZ/G2E Datasheet HTML 133Page - Renesas Technology Corp RZ/G2E Datasheet HTML 134Page - Renesas Technology Corp RZ/G2E Datasheet HTML 135Page - Renesas Technology Corp RZ/G2E Datasheet HTML 136Page - Renesas Technology Corp RZ/G2E Datasheet HTML 137Page - Renesas Technology Corp RZ/G2E Datasheet HTML 138Page - Renesas Technology Corp RZ/G2E Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 135 of 169
Jun 30, 2025
3.27 Serial ATA (Gen3)
The description in this section is compliant with the following Serial ATA standard: 'Serial ATA International
Organization: Serial ATA Revision 3.2, August 7, 2013'.
Table 3.27.1 Serial ATA (Gen3) Interface Characteristics [RZ/G2H, RZ/G2N]
Conditions: VDD33_SATA = VDD33_PCIE = 3.3 ± 0.3 V, VDD09_SATA = VDD09_PCIE = 0.82 -0.07 V / + 0.06 V,
GND = 0 V, Tc = -40 to +115 °C [RZ/G2H], Ta = -40 to +85 °C [RZ/G2N],
Tj = -40 to +115 °C [RZ/G2N]
Test Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
RX Differential Input Voltage (Gen1i)
Vdiff RX
325
—
600
mVppd
*1
RX Differential Input Voltage (Gen2i)
Vdiff RX
275
—
750
mVppd
*1
RX Differential Input Voltage (Gen3i)
Vdiff RX
200
—
900
mVppd
*1
TX Differential Output Voltage (Gen1i)
Vdiff TX
400
—
600
mVppd
*2
TX Differential Output Voltage (Gen2i)
Vdiff TX
400
—
700
mVppd
*2
TX Differential Output Voltage (Gen3i)
Vdiff TX
240
—
1000
mVppd
*2
DC Coupled Common Mode Voltage
(Gen1i)
Vcm dc
200
—
450
mV
*2
Unit Interval (Gen1i)
TUI
666.4333
666.6667
670.2333
ps
*3
Unit Interval (Gen2i)
TUI
333.2167
333.3333
335.1167
ps
*3
Unit Interval (Gen3i)
TUI
166.6083
166.6667
167.5583
ps
*3
COMRESET Transmit Gap Length
(Gen1i and Gen2i and Gen3i)
TScomreset —
480
—
UIOOB
*4
COMWAKE Transmit Gap Length
(Gen1i and Gen2i and Gen3i)
TScomwake —
160
—
UIOOB
*4
TX Differential Impedance (Gen1i)
ZdiffTX
85
—
115
Ω
*2
TX Single-Ended Impedance (Gen1i)
Zs-eTX
40
—
—
Ω
*2
RX Differential Impedance (Gen1i)
ZdiffRX
85
—
115
Ω
*1
RX Single-Ended Impedance (Gen1i)
Zs-eRX
40
—
—
Ω
*1
Notes: 1. RXP, RXN: DC test
2. TXP, TXN: DC test
3. Need Reference Clock (Low Voltage Swing, Differential Clocks). The nominal single-ended swing for each
clock is 0 to 0.7 V and a nominal frequency of 100 MHz ± 100 PPM.
4 TXP, TXN: UIOOB (UI During OOB Signaling) = 646.67 to 686.67 ps, Not tested.
Table 3.27.2 Serial ATA (Gen3) External Clock Accuracy
Conditions: VDD09_PCIE = 0.82 V – 0.07 V / + 0.06 V, GND = 0 V, Tc = −40 to +115 °C [RZ/G2H]
,
Ta = -40 to +85 °C [RZ/G2N], Tj = -40 to +115 °C [RZ/G2N]
Test Item
Symbol
Min.
Typ.
Max.
Unit
Remarks
External clock accuracy
(PCIE1_CLK_P, PCIE1_CLK_M)
—
—
100.000
—
MHz
Frequency accuracy:
±100 ppm or less
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com