Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RZ/G2E Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # RZ/G2E
Description  RZ/G Series, 2nd Generation
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G2E Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button RZ/G2E Datasheet HTML 132Page - Renesas Technology Corp RZ/G2E Datasheet HTML 133Page - Renesas Technology Corp RZ/G2E Datasheet HTML 134Page - Renesas Technology Corp RZ/G2E Datasheet HTML 135Page - Renesas Technology Corp RZ/G2E Datasheet HTML 136Page - Renesas Technology Corp RZ/G2E Datasheet HTML 137Page - Renesas Technology Corp RZ/G2E Datasheet HTML 138Page - Renesas Technology Corp RZ/G2E Datasheet HTML 139Page - Renesas Technology Corp RZ/G2E Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 169 page
background image
RZ/G Series, 2nd Generation Datasheet
Section 3. Electrical Characteristics
R01DS0483EJ0101 Rev.1.01
Page 136 of 169
Jun 30, 2025
3.28 USB Signal Timing
The descriptions in this section are compliant with the following USB 2.0 standards: "Universal Serial Bus Specification
Revision 2.0" and "On-The-Go and Embedded Host Supplement to the USB Revision 2.0 Specification".
Table 3.28.1 USB High-speed Signal Timing
Conditions: VDDQ33 = VDDQ33_USB2* = 3.3 ± 0.2 V, VDDQ18 = 1.8 ± 0.1 V, VDD09_USB2* = 0.82 – 0.07 V / +
0.06 V [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N], VDDQ33 = VDDQ33_USB2* = 3.3 ± 0.3 V,
VDDQ18 = VDDQ18_USB20 = 1.8 ± 0.1 V [RZ/G2E], VSS = 0 V,
Tc = −40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = -40 to +85 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E],
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E]
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
High-speed data rate
THSDRAT
479.76
480
480.24
Mb/s
—
Table 3.28.2 USB Low-/full-speed Signal Timing
Conditions: VDDQ33 = VDDQ33_USB2* = 3.3 ± 0.2 V, VDDQ18 = 1.8 ± 0.1 V, VDD09_USB2* = 0.82 - 0.07 V /
+ 0.06 V [RZ/G2H, RZ/G2M V1.3, RZ/G2M V3.0, RZ/G2N],
VDDQ33 = VDDQ33_USB2* = 3.3 ± 0.3 V, VDDQ18 = VDDQ18_USB20 = 1.8 ± 0.1 V [RZ/G2E],
VSS = 0 V,
Tc = −40 to +115 °C [RZ/G2H, RZ/G2M V1.3],
Ta = -40 to +85 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E],
Tj = -40 to +115 °C [RZ/G2M V3.0, RZ/G2N, RZ/G2E], CL = 50 pF
Item
Symbol
Min.
Typ.
Max.
Unit
Figures
Low-speed*
Rise time
tR
75
—
300
ns
Figure 3.28.1
Fall time
tF
75
—
300
ns
Differential Rise and Fall Time
Matching (tR/tF)
tRFM1
80
—
125
%
Full-speed
Rise time
tR
4
—
20
ns
Fall time
tF
4
—
20
ns
Differential Rise and Fall Time
Matching (tR/tF)
tRFM
90
—
111.11
%
Note:
*
The USB 2.0 Function module does not support Low-speed.
Figure 3.28.1 USB Low-/full-speed Signal Timing
RZ/G2H
RZ/G2M V1.3
RZ/G2N
RZ/G2E
RZ/G2M V3.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com