Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 56 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 56 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 52Page - Omron Electronics LLC F39-LP Datasheet HTML 53Page - Omron Electronics LLC F39-LP Datasheet HTML 54Page - Omron Electronics LLC F39-LP Datasheet HTML 55Page - Omron Electronics LLC F39-LP Datasheet HTML 56Page - Omron Electronics LLC F39-LP Datasheet HTML 57Page - Omron Electronics LLC F39-LP Datasheet HTML 58Page - Omron Electronics LLC F39-LP Datasheet HTML 59Page - Omron Electronics LLC F39-LP Datasheet HTML 60Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 164 page
background image
F3SG-RR
56
Standalone F3SG-RR using NPN Outputs
Auto Reset Mode, EDM enabled and NPN Outputs
The following is the example of Muting not used, External Device Monitoring enabled, Auto Reset Mode, NPN outputs and External Test in 0 V
Active (not used).
Settings
Wiring Example
Note: For the functional earth connection, refer to page 55.
Function
Receiver
EDM Enabled (factory default setting) *1
Auto Reset (factory default setting) *1
NPN *1
Emitter
External Test: 0 V Active (End Cap: White)
Unblocked
Blocked
Beam state
OSSD
KM1, KM2: Safety relay with forcibly guided contacts (G7SA)
M: Motor
F39-JD
@@A-L *5
F39-JD
@@A-D *5
KM1
KM2
M
KM1 KM2
KM1
KM2
+24 VDC
Power Supply
0 VDC
*1.The functions are configurable with Configuration Tool. Refer to Safety
Light Curtain Configuration Tool for Model F3SG (SD Manager 2) User’s
Manual for more information on setting the functions by the Configuration
Tool.
*2.Connect the line to 0 V via a test switch (N.O. contact) if External Test is
used.
*3.Also used as EDM input line. Connect a lockout reset switch (N.C. contact)
to this line in series with the KM1 and KM2 if Lockout Reset is used.
*4.The F39-JD
@RA-L Single-Ended Cable for Emitter (Oil-Resistant Cable)
does not have the red, white and yellow wires.
*5.For the F39-JD
@A-@ Single-Ended Cable, connect the shield line to 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com