Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 83 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 83 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 79Page - Omron Electronics LLC F39-LP Datasheet HTML 80Page - Omron Electronics LLC F39-LP Datasheet HTML 81Page - Omron Electronics LLC F39-LP Datasheet HTML 82Page - Omron Electronics LLC F39-LP Datasheet HTML 83Page - Omron Electronics LLC F39-LP Datasheet HTML 84Page - Omron Electronics LLC F39-LP Datasheet HTML 85Page - Omron Electronics LLC F39-LP Datasheet HTML 86Page - Omron Electronics LLC F39-LP Datasheet HTML 87Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 164 page
background image
F3SG-RE
83
Input/Output Circuit
Entire Circuit Diagram
The entire circuit diagram of the F3SG-RE is shown below. The numbers in the circles indicate the connector's pin numbers.
PNP Output
NPN Output
1
4
3
2
+24 V
1
2
4
3
0 V
Operating Range
Select Input circuit
Brown
Black
Not used
White
Blue
Brown
White
OSSD 2
Black
OSSD 1
Blue
Indicator
Emitter
Main Circuit
Receiver
Main Circuit 2
Receiver
Main Circuit 1
Indicator
Load
Load
Operating Range
Select Input
1
4
3
2
+24 V
1
2
4
3
0 V
Brown
Black
Not used
White
Blue
Brown
White
OSSD 2
Black
OSSD 1
Blue
Indicator
Emitter
Main Circuit
Receiver
Main Circuit 2
Receiver
Main Circuit 1
Indicator
Load
Load
Operating Range
Select Input circuit
Operating Range
Select Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com