Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 90 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 90 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 86Page - Omron Electronics LLC F39-LP Datasheet HTML 87Page - Omron Electronics LLC F39-LP Datasheet HTML 88Page - Omron Electronics LLC F39-LP Datasheet HTML 89Page - Omron Electronics LLC F39-LP Datasheet HTML 90Page - Omron Electronics LLC F39-LP Datasheet HTML 91Page - Omron Electronics LLC F39-LP Datasheet HTML 92Page - Omron Electronics LLC F39-LP Datasheet HTML 93Page - Omron Electronics LLC F39-LP Datasheet HTML 94Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 164 page
background image
F3SG-RE
90
Side Mounting
<Screw for Top/Bottom Adjustable
Bracket: M5 or M6>
<Screw for Top/Bottom
Adjustable Bracket: M8>
Top/Bottom
Adjustable Bracket
(F39-LGTB)
Top/Bottom
Adjustable Bracket
(F39-LGTB)
Standard
Adjustable Bracket
(F39-LGA)
Backside : 2-S3
2-M5 or M6
2-M5 or M6
2-M5 or M6
S2.5
35
23.2
26.5
35
9.2
2-S3
50.35
2-M8
40.8
35
4
51.65
42.35
F3SG-4RE
@@@@@30 Series
Dimension A
C1
Dimension C1
4-digit number of the type name (Protective height)
Dimension D
C1-50
Dimension G
C1+43.5
Dimension H
C1+69
Dimension I
C1+88
Dimension P
20
Protective height
(C1)
Number of Top/Bottom
Adjustable Brackets
Number of Standard
Adjustable Brackets
Dimension F
0270 to 1070
2
0
−
1150 to 1950
2
1
1000 mm max.
2030 to 2510
2
2
1000 mm max.
F3SG-4RE
@@@@@14 Series
Dimension A
C2+30
Dimension C2
4-digit number of the type name (Protective height)
Dimension D
C2-20
Dimension G
C2+73.5
Dimension H
C2+99
Dimension I
C2+118
Dimension P
10
Protective height
(C2)
Number of Top/Bottom
Adjustable Brackets
Number of Standard
Adjustable Brackets
Dimension F
0240 to 1040
2
0
−
1120 to 1920
2
1
1000 mm max.
2000 to 2080
2
2
1000 mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com