Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 42 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 42 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 38Page - Omron Electronics LLC F39-LP Datasheet HTML 39Page - Omron Electronics LLC F39-LP Datasheet HTML 40Page - Omron Electronics LLC F39-LP Datasheet HTML 41Page - Omron Electronics LLC F39-LP Datasheet HTML 42Page - Omron Electronics LLC F39-LP Datasheet HTML 43Page - Omron Electronics LLC F39-LP Datasheet HTML 44Page - Omron Electronics LLC F39-LP Datasheet HTML 45Page - Omron Electronics LLC F39-LP Datasheet HTML 46Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 164 page
background image
F3SG-RA
42
Cascading Cable for Emitter (F39-JGR2W-L, sold separately)
Cascading Cable for Receiver (F39-JGR2W-D, sold separately)
Y-Joint Plug/Socket Connector (F39-GCNY2, sold separately)
Interface Unit (F39-GIF, sold separately)
200
40.7
23.4
Insulated vinyl round cable dia. 6 mm, 5-wire
(Cross section of conductor: 0.15 mm2/Insulator diameter: dia. 1 mm)
Connector
M12 IP67 Connector 5-pin
M2.5 screw
200
40.7
23.4
Insulated vinyl round cable dia. 6 mm, 8-wire
(Cross section of conductor: 0.15 mm2/Insulator diameter: dia. 1 mm)
Connector
M12 IP67 Connector 8-pin
M2.5 screw
Plug marked with
(bule circle): Connect to control panel side
Socket marked with
(white circle): Connect to emitter
CN1
CN2
17.7
45.5
500
40.7
15.0
M12 x 1
4.6
dia.
To control
panel side
To emitter
M12 IP67 connector, 8-wire
M12 IP67 connector, 5-wire
M12 IP67 connector, 8-wire
Insulated vinyl round cable dia. 6
To receiver
Material: PBT (Main body)
67.9
35.8
(16)
(12)
(625.7)
(46)
Insulated vinyl round cable 4.6 dia. Standard length: 0.5 m
(11.8)
300
30
54.4
58
23.3
10
17.5 dia.
4.6 dia.
5.4 dia.
2,000
14.5
17.5 dia.
7.7
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com