Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 75 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 75 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 71Page - Omron Electronics LLC F39-LP Datasheet HTML 72Page - Omron Electronics LLC F39-LP Datasheet HTML 73Page - Omron Electronics LLC F39-LP Datasheet HTML 74Page - Omron Electronics LLC F39-LP Datasheet HTML 75Page - Omron Electronics LLC F39-LP Datasheet HTML 76Page - Omron Electronics LLC F39-LP Datasheet HTML 77Page - Omron Electronics LLC F39-LP Datasheet HTML 78Page - Omron Electronics LLC F39-LP Datasheet HTML 79Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 164 page
background image
F3SG-RE
75
Accessories (Sold separately)
Safety light curtain connecting cable
Single-Ended Cable (Round Water-resistant Connector: Connector Connected to Cable, Socket on One Cable End)
Note: 1. One cable that can be used for both emitter and receiver is provided. Order two cables for one set of safety light curtains.
2. To extend the cable length to 20 m or more, add the XS5W-D421-
@81-F Double-Ended Cable.
Double-Ended Cable (Round Water-resistant Connector: Connectors Connected to Cable, Socket and Plug on Cable Ends)
For cable extension and simple wiring
Note: 1. One cable that can be used for both emitter and receiver is provided. Order two cables for one set of safety light curtains.
2. To extend the cable length to more than 20 m, add the XS5W-D421-
@81-F Double-Ended Cable to the XS5F-D421-@80-F Single-Ended
Cable.
To extend the cable length to more than 40 m, add several Double-Ended Cables to the Single-Ended Cable.
Example: To extend the cable length to 50 m, connect two XS5W-D421-L81-F (20 m) cables and one XS5F-D421-J80-F (10 m) cable.
Y-Joint Plug/Socket Connector for Easy type F3SG-RE
Appearance
Type
Cable length
Specifications
Model
M12 connector
(4-pin), 4 wires
1 m
XS5F-D421-C80-F
2 m
XS5F-D421-D80-F
3 m
XS5F-D421-E80-F
5 m
XS5F-D421-G80-F
10 m
XS5F-D421-J80-F
20 m
XS5F-D421-L80-F
Appearance
Type
Cable length
Specifications
Model
M12 connector
(4-pin) on both
ends
1 m
XS5W-D421-C81-F
2 m
XS5W-D421-D81-F
3 m
XS5W-D421-E81-F
5 m
XS5W-D421-G81-F
10 m
XS5W-D421-J81-F
20 m
XS5W-D421-L81-F
Appearance
Type
Cable length
Specifications
Model
M12 connectors.
Used for reduced
wiring.
0.5 m
When using the reduced wiring connector system F39-GCNY1,
the Operating Range Selection is fixed to Long Mode.
F39-GCNY1
2
1
4
3
Female
1
2
3
4
+24 VDC
Range setting
0 VDC
Not used
+24 VDC
OSSD 2
0 VDC
OSSD 1
Brown
PIN
Emitter
Recelver
Color
White
Blue
Black
1
2
3
4
2
1
4
3
Female
Male
1
2
3
4
Brown
White
Blue
Black
1
2
3
4
Brown
White
Blue
Black
Emitter
Receiver
Double-Ended Cable
XS5W-D421-
@81-F
Single-Ended Cable
XS5F-D421-
@80-F
<Connection example>
Single-Ended Cable
XS5F-D421-
@80-F
Double-Ended Cable
XS5W-D421-
@81-F
Y-Joint Plug/
Socket Connector for Easy type
F39-GCNY1
F3SG-RE
Emitter
F3SG-RE
Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com