Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 2Page - Omron Electronics LLC F39-LP Datasheet HTML 3Page - Omron Electronics LLC F39-LP Datasheet HTML 4Page - Omron Electronics LLC F39-LP Datasheet HTML 5Page - Omron Electronics LLC F39-LP Datasheet HTML 6Page - Omron Electronics LLC F39-LP Datasheet HTML 7Page - Omron Electronics LLC F39-LP Datasheet HTML 8Page - Omron Electronics LLC F39-LP Datasheet HTML 9Page - Omron Electronics LLC F39-LP Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 164 page
background image
6 | Safety Light Curtain F3SG-R Series
Visualization eliminates machine downtime
Stable operation and predictive maintenance
The lamp notifies low light
intensity
The lamp notifies when the incident light level drops due to
dirt, which prevents sudden stops.
Bluetooth® allows to check status
without stopping the line
Data logging for quick
troubleshooting
The error logs stored in the F3SG-RA can be downloaded
to a PC that is connected with the F3SG-RA using the
dedicated interface unit. The Configuration Tool SD
Manager2 can be used to analyze errors to identify causes
and solutions. The data on light intensity, power-ON time,
and switching frequency can also be collected regularly for
predictive maintenance.
The SD Manager2 can be used to check the status of the safety light curtain
wirelessly after pairing the safety light curtain with PC via Bluetooth®, which
reduces maintenance time.
Wireless connectivity
- Monitoring during operation
- No possibility of blocking beams
- No work required after completing checks
- Monitoring from anywhere
- Serial number to choose the right safety light
curtain from many installed on lines
F39-LP Lamp
* The incident light level at which the
light curtain turns OFF
Configuration Tool SD Manager2
Line A
Line B
The lamp notifies when
the light intensity drops
near the threshold*
At a glance
warning
F39-BT/BTLP Bluetooth®
Communication Unit
F3SG-
RA
Multifunctional
Advanced
type
e lamp notifies low light
ensity
mp notifies when the incident light level drops due to
hich prevents sudden stops.
uetooth® allows to check status
thout stopping the line
Data logging for quick
troubleshooting
The error logs stored in the F3SG-RA can be downloaded
to a PC that is connected with the F3SG-RA using the
dedicated interface unit. The Configuration Tool SD
Manager2 can be used to analyze errors to identify causes
and solutions. The data on light intensity, power-ON time,
and switching frequency can also be collected regularly for
predictive maintenance.
D Manager2 can be used to check the status of the safety light curtain
essly after pairing the safety light curtain with PC via Bluetooth®, which
es maintenance time.
Wireless connectivity
Monitoring during operation
No possibility of blocking beams
No work required after completing checks
Monitoring from anywhere
Serial number to choose the right safety light
curtain from many installed on lines
F39-LP Lamp
incident light level at which the
t curtain turns OFF
Configuration Tool SD Manager2
Line A
Line B
The lamp notifies when
the light intensity drops
near the threshold*
At a glance
warning
F39-BT/BTLP Bluetooth®
Communication Unit
Time
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com