Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 95 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 95 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 91Page - Omron Electronics LLC F39-LP Datasheet HTML 92Page - Omron Electronics LLC F39-LP Datasheet HTML 93Page - Omron Electronics LLC F39-LP Datasheet HTML 94Page - Omron Electronics LLC F39-LP Datasheet HTML 95Page - Omron Electronics LLC F39-LP Datasheet HTML 96Page - Omron Electronics LLC F39-LP Datasheet HTML 97Page - Omron Electronics LLC F39-LP Datasheet HTML 98Page - Omron Electronics LLC F39-LP Datasheet HTML 99Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 164 page
background image
F3SG-RA-01TS
95
Doble-Ended Cable (2 cables per set, one for emitter and one for receiver) *
For cable extension
* The cable for emitter and the cable for receiver are available separately. Add '-L' for emitter or '-D' for receiver to the end of the model number
when you order.
Double-Ended Cable for Emitter: F39-JD(R)
@B-L, Double-Ended Cable for Receiver: F39-JD(R)@B-D
Note: To extend the cable length to more than 20 m, add the F39-JD
@B Double-Ended Cable to the F39-JD@A Single-Ended Cable.
To extend the cable length to more than 40 m, add several Double-Ended Cables to the Single-Ended Cable.
Example: To extend the cable length to 50 m, connect two F39-JD20B (20 m) cables and one F39-JD10A (10 m) cable.
Cascading Cable (2 cables per set, for emitter and receiver)
Note: The Double-Ended Cable (up to 10 m: F39-JD10B) can be added to extend the cable length between the series-connected sensors.
Cable length between sensors: 10 m max. (not including cascading cable (F39-JGR2WTS) and power cable)
Appearance
Cable length
Specifications
Model
0.5 m
F39-JDR5B
1 m
F39-JD1B
3 m
F39-JD3B
5 m
F39-JD5B
7 m
F39-JD7B
10 m
F39-JD10B
15 m
F39-JD15B
20 m
F39-JD20B
Appearance
Type
Cable length
Specifications
Model
Cap (8-pin),
M12
connector (8-pin)
0.2m
F39-JGR2WTS
Brown
Blue
Gray
Pink
White
Red
Black
Yellow
Blue
Gray
Pink
White
Red
Black
Yellow
2
7
5
6
1
8
3
4
Brown
5
8
4
3
2
1
7
6
5
8
6
7
1
2
3
4
2
7
5
6
1
8
3
4
Female
Male
Shield
Shield
Brown
Blue
Gray
Pink
White
Red
Black
Yellow
Blue
Gray
Pink
White
Red
Black
Yellow
2
7
5
6
1
8
3
4
Brown
5
8
4
3
2
1
7
6
5
8
6
7
1
2
3
4
2
7
5
6
1
8
3
4
Connected to Power Cable
or Double-Ended Cable
Connected to Single-Ended Cable,
or Double-Ended Cable
Female
Male
Shield
Shield
For emitter M12 connector (8-pin), Color: Gray
For receiver M12 connector (8-pin), Color: Black
<Connection example>
Emitter
Receiver
Cable is gray
F39-JD
@B-L (Gray)
F39-JD
@A-L (Gray)
Double-Ended Cable
F39-JD
@B
Single-Ended Cable
F39-JD
@A
Cable is black
F39-JD
@B-D (Black)
F39-JD
@A-D (Black)
Secondary
sensor 1
(Emitter)
Secondary
sensor 1
(Receiver)
Primary
sensor
(Emitter)
Primary
sensor
(Receiver)
Cascading Cable
F39-JGR2WTS
Cable
F39-JD
@A-D
Cable
F39-JD
@A-L
Emitter
Receiver
Cable is gray
F39-JD
@B-L (Gray)
Double-Ended Cable
F39-JD
@B
Cable is black
F39-JD
@B-D (Black)
Cascading Cable
F39-JGR2WTS
Emitter
Receiver
Cable is gray
Cable is black
Remove the cap
Remove the cap
<Connection example>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com