Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 24 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 24 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 20Page - Omron Electronics LLC F39-LP Datasheet HTML 21Page - Omron Electronics LLC F39-LP Datasheet HTML 22Page - Omron Electronics LLC F39-LP Datasheet HTML 23Page - Omron Electronics LLC F39-LP Datasheet HTML 24Page - Omron Electronics LLC F39-LP Datasheet HTML 25Page - Omron Electronics LLC F39-LP Datasheet HTML 26Page - Omron Electronics LLC F39-LP Datasheet HTML 27Page - Omron Electronics LLC F39-LP Datasheet HTML 28Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 164 page
background image
F3SG-RA
24
Bluetooth Communication Unit
* It depends on use environment conditions.
Environ-
mental
Ambient Temperature
Operating
-10 to 55°C (14 to 131°F) (non-icing)
Storage
-25 to 70°C (-13 to 158°F)
Ambient Humidity
Operating
35% to 85% (non-condensing)
Storage
35% to 95%
Ambient Illuminance
Incandescent lamp: 3,000 Ix max. on receiver surface
Sunlight: 10,000 Ix max. on receiver surface
Degree of Protection (IEC 60529)
IP65 and IP67
Vibration Resistance (IEC 61496-1)
10 to 55 Hz, Multiple amplitude of 0.7 mm, 20 sweeps for all 3 axes
Shock Resistance (IEC 61496-1)
100 m/s2, 1000 shocks for all 3 axes
Pollution Degree (IEC 60664-1)
Pollution Degree 3
Connec-
tions
Power cable
Type of Connection
M12 connectors: 5-pin emitter and 8-pin receiver, IP67 rated when mated, Cables prewired to the sensors
Number of Wires
Emitter: 5, Receiver: 8
Cable Length
0.3 m
Cable Diameter
6 mm
Minimum Bending
Radius
R5 mm
Cascading cable
Type of Connection
M12 connectors: 5-pin emitter and 8-pin receiver, IP67 rated when mated
Number of Wires
Emitter: 5, Receiver: 8
Cable Length
0.2 m
Cable Diameter
6 mm
Minimum Bending
Radius
R5 mm
Extension cable
- Single-Ended Cable
- Double-Ended Cable
Type of Connection
M12 connectors: 5-pin emitter and 8-pin receiver, IP67 rated when mated
Number of Wires
Emitter: 5, Receiver: 8
Cable Length
Refer to page 18.
Cable Diameter
6.6 mm
Minimum Bending
Radius
R36 mm
Extension of Power Cable
100 m max.
Material
Material
Housing: Aluminum alloy
Cap: PBT resin
Front window: Acrylic resin
Cable: Oil-resistant PVC resin
Standard Fixed Bracket (F39-LGF): Zinc alloy
FE plate: Stainless steel
Weight
Refer to page 25.
Included Accessories
Safety Precautions, Quick Installation Manual, Standard Fixed Bracket *, Troubleshooting Guide
Sticker, Warning Zone Label
*The quantity of Standard Fixed Brackets included varies depending on the protective height.
[F3SG-
RA-14]
- Protective height of 0160 to 1200: 2 sets
- Protective height of 1280 to 2080: 3 sets
[F3SG-
RA-30]
- Protective height of 0190 to 1230: 2 sets
- Protective height of 1310 to 2270: 3 sets
- Protective height of 2350 to 2510: 4 sets
Conformity
Conforming standards
Refer to page 26.
Type of ESPE (IEC 61496-1)
Type 4
Performance Level
(PL)/Safety category
Type 4
PL e/Category 4 (EN ISO 13849-1:2015)
Type 2
PL c/Category 2 (EN ISO 13849-1:2015)
PFHD
1.1 × 10-8 (IEC 61508)
Proof test interval TM
Every 20 years (IEC 61508)
SFF
99% (IEC 61508)
HFT
1 (IEC 61508)
Classification
Type B (IEC 61508-2)
Communication System
Bluetooth Version 3.0
Communication Profile
SPP (Serial Port Profile)
Transmission Distance
Approx. 10 m max. (Output power: Class 2) *
F3SG-4RA-14
F3SG-2RA-14
F3SG-4RA-30
F3SG-2RA-30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com