Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 96 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 96 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 92Page - Omron Electronics LLC F39-LP Datasheet HTML 93Page - Omron Electronics LLC F39-LP Datasheet HTML 94Page - Omron Electronics LLC F39-LP Datasheet HTML 95Page - Omron Electronics LLC F39-LP Datasheet HTML 96Page - Omron Electronics LLC F39-LP Datasheet HTML 97Page - Omron Electronics LLC F39-LP Datasheet HTML 98Page - Omron Electronics LLC F39-LP Datasheet HTML 99Page - Omron Electronics LLC F39-LP Datasheet HTML 100Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 164 page
background image
F3SG-RA-01TS
96
Reduced Wiring Connector System (Order the F39-CN5 and Cables for Reduce Wiring.)
Reduced Wiring Connector
Note: When using the Reduced Wiring Connector (F39-CN5), the following functions are not
available.
- External Device Monitoring
- Auxiliary Output
Cable for Reduce Wiring* (2 cables per set, one for emitter and one for receiver)
Note: A combination of emitter and receiver cables of other lengths than the above is also available. For details, contact your Omron representative.
* Double-Ended Cable for emitter and Single-Ended Cable for receiver.
Sensor Mounting Brackets
*1. Protective height of 0185 to 1225: 2 sets, Protective height of 1305 to 1945: 3 sets
*2. Top/Bottom Adjustable Bracket cannot be used with the Standard Fixed Bracket. Use with the Standard Adjustable Bracket.
Using Top/Bottom Adjustable Brackets with Standard Adjustable Brackets
Protective height of 1065 or less: The Standard Adjustable Bracket is not required. Please purchase 1 set of Top/Bottom Adjustable Brackets
(F39-LGTB(-1)).
Protective height of 1145 to 1945: Please purchase 1 set of Top/Bottom Adjustable Brackets (F39-LGTB(-1)) and 1 set of Standard Adjustable
Brackets (F39-LGA).
Appearance
Specifications
Model
IP67 rated when mated.
F39-CN5
Appearance
Cable length
Specifications
Remarks
Model
Emitter: 3 m
Receiver: 3 m
IP67 rated
when mated.
Double-Ended Cable: F39-JD3B-L
Single-Ended Cable: F39-JD3A-D
F39-JD0303BA
Emitter: 3 m
Receiver: 7 m
Double-Ended Cable: F39-JD3B-L
Single-Ended Cable: F39-JD7A-D
F39-JD0307BA
Emitter: 3 m
Receiver: 10 m
Double-Ended Cable: F39-JD3B-L
Single-Ended Cable: F39-JD10A-D
F39-JD0310BA
Emitter: 5 m
Receiver: 3 m
Double-Ended Cable: F39-JD5B-L
Single-Ended Cable: F39-JD3A-D
F39-JD0503BA
Emitter: 5 m
Receiver: 7 m
Double-Ended Cable: F39-JD5B-L
Single-Ended Cable: F39-JD7A-D
F39-JD0507BA
Emitter: 5 m
Receive: 10mr
Double-Ended Cable: F39-JD5B-L
Single-Ended Cable: F39-JD10A-D
F39-JD0510BA
Emitter: 10 m
Receiver: 3 m
Double-Ended Cable: F39-JD10B-L
Single-Ended Cable: F39-JD3A-D
F39-JD1003BA
Emitter: 10 m
Receiver: 7 m
Double-Ended Cable: F39-JD10B-L
Single-Ended Cable: F39-JD7A-D
F39-JD1007BA
Emitter: 10 m
Receiver: 10 m
Double-Ended Cable: F39-JD10B-L
Single-Ended Cable: F39-JD10A-D
F39-JD1010BA
Appearance
Specification
Application
Model
Standard Fixed
Bracket
Bracket to mount the F3SG-RA-01TS.
Side mounting and backside mounting possible.
(Sold separately as a set of two Brackets. Refer to note
*1 for the number of sets required for each model.)
F39-LGF
Standard
Adjustable
Bracket
Bracket to mount the F3SG-RA-01TS.
Beam alignment after mounting possible.
The angle adjustment range is
±15°.
Side mounting and backside mounting possible.
(Sold separately as a set of two Brackets. Refer to note
*1 for the number of sets required for each model.)
F39-LGA
Top/Bottom
Adjustable Bracket *2
Bracket to mount the F3SG-RA-01TS. Use this bracket
at the top and bottom positions of the F3SG-RA-01TS.
Beam alignment after mounting possible.
The angle adjustment range is
±22.5°.
Side mounting and backside mounting possible.
(Sold separately. 4 brackets per set.)
F39-LGTB
Top/Bottom
Adjustable Bracket *2
(For user-made mounting
part)
Top/Bottom Adjustable Bracket without a bracket to
mount to the wall. Use the user's own wall mounting part
to suit the machine.
(Sold separately. 4 brackets per set.)
F39-LGTB-1
F3SG-RA-01TS
Emitter
F3SG-RA-01TS
Receiver
F39-CN5
Reduced Wiring Connector
F39-JD
@A-D
Single-Ended
Cable (Black)
F39-JD
@-B-L
Double-Ended
Cable (Gray)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com