Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 92 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 92 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 88Page - Omron Electronics LLC F39-LP Datasheet HTML 89Page - Omron Electronics LLC F39-LP Datasheet HTML 90Page - Omron Electronics LLC F39-LP Datasheet HTML 91Page - Omron Electronics LLC F39-LP Datasheet HTML 92Page - Omron Electronics LLC F39-LP Datasheet HTML 93Page - Omron Electronics LLC F39-LP Datasheet HTML 94Page - Omron Electronics LLC F39-LP Datasheet HTML 95Page - Omron Electronics LLC F39-LP Datasheet HTML 96Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 164 page
background image
F3SG-RE
92
Safety light curtain connecting cable
Round Water-resistant Connector: Connector Connected to Cable, Socket on One Cable End
(XS5F-D421-
@80-F, sold separately)
Round Water-resistant Connector: Connectors Connected to Cable, Socket and Plug on Cable Ends
(XS5W-D421-
@81-F, sold separately)
Y-Joint Plug/Socket Connector (F39-GCNY1, sold separately)
Spatter Protection Cover(F39-HGA/-HGB, sold separately)
Related Manuals
ManNo.
Model
Manual name
Z352
F3SG-
@R@@@@@@@@
Safety Light Curtain
F3SG-
@R Series User's Manual
Specification
Model
L (m)
Fire-retardant, Robot cable
XS5F-D421-C80-F
1
XS5F-D421-D80-F
2
XS5F-D421-E80-F
3
XS5F-D421-G80-F
5
XS5F-D421-J80-F
10
XS5F-D421-L80-F
20
40.7
L (Cable length)
M12 IP67 connector, 4-wire
Insulated vinyl round cable dia. 6
50
30
5
14.9 dia.
Material: Insulated vinyl round cable
Specification
Model
L (m)
Fire-retardant, Robot cable
XS5W-D421-C81-F
1
XS5W-D421-D81-F
2
XS5W-D421-E81-F
3
XS5W-D421-G81-F
5
XS5W-D421-J81-F
10
XS5W-D421-L81-F
20
40.7
L (Cable length)
M12 IP67 connector, 4-wire
Insulated vinyl round cable dia. 6
M12 IP67 connector, 4-wire
44.7
Material: Insulated vinyl round cable
Plug marked with
(bule circle): Connect to control panel side
Socket marked with
(white circle): Connect to emitter
CN1
CN2
4.6
dia.
17.7
45.5
M12 x 1
40.7
15.0
500
To receiver
To control
panel side
To emitter
M12 IP67 connector, 4-wire
M12 IP67 connector, 4-wire
Insulated vinyl round cable dia. 6
M12 IP67 connector, 4-wire
Material: PBT (Main body)
40
Assembled dimensions
Material: PC (Transparent cover)
ABS (Side wall)
Stainless steel (Bracket)
Aluminum adhesive tape
(Fixing sticker)
Model
Total length
F39-HGB
@@@@
@@@@+6
F39-HGA0550
558



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com