Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 81 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 81 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 77Page - Omron Electronics LLC F39-LP Datasheet HTML 78Page - Omron Electronics LLC F39-LP Datasheet HTML 79Page - Omron Electronics LLC F39-LP Datasheet HTML 80Page - Omron Electronics LLC F39-LP Datasheet HTML 81Page - Omron Electronics LLC F39-LP Datasheet HTML 82Page - Omron Electronics LLC F39-LP Datasheet HTML 83Page - Omron Electronics LLC F39-LP Datasheet HTML 84Page - Omron Electronics LLC F39-LP Datasheet HTML 85Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 164 page
background image
F3SG-RE
81
Connections (Basic Wiring Diagram)
Short Mode
Note: Functional earth connection is unnecessary when you use the F3SG-RE in a general industrial environment where noise control or stable
power supply is considered. However, when you use the F3SG-RE in an environment where there may be excessive noise from
surroundings or stable power supply may be interfered, it is recommended the F3SG-RE be connected to functional earth.
The wiring examples in later examples do not indicate functional earth. To use functional earth, wire an earth cable according to the example
above. Refer to Safety Light Curtain F3SG-R Series User's Manual for more information.
Long Mode
Note: For the functional earth connection, refer to the Short Mode example.
+24 V
0 V
DC
Power
Supply
Safety
Controller *1*2
IN1
IN2
Unblocked
Blocked
OSSD
Functional Earth
Beam state
*1.Refer to page 82 for more information.
*2.The safety controller and the F3SG-RE must share the power supply or be connected to the common
terminal of the power supply.
IN1
IN2
+24 V
0 V
DC
Power
Supply
Safety
Controller *1*2
Unblocked
Blocked
OSSD
Beam state
*1.Refer to page 82 for more information.
*2.The safety controller and the F3SG-RE must share the power supply or be connected to the common
terminal of the power supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com