Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 28 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 28 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 24Page - Omron Electronics LLC F39-LP Datasheet HTML 25Page - Omron Electronics LLC F39-LP Datasheet HTML 26Page - Omron Electronics LLC F39-LP Datasheet HTML 27Page - Omron Electronics LLC F39-LP Datasheet HTML 28Page - Omron Electronics LLC F39-LP Datasheet HTML 29Page - Omron Electronics LLC F39-LP Datasheet HTML 30Page - Omron Electronics LLC F39-LP Datasheet HTML 31Page - Omron Electronics LLC F39-LP Datasheet HTML 32Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 164 page
background image
F3SG-RA
28
Connections (Basic Wiring Diagram)
Standalone F3SG-RA using PNP Outputs
Standard Muting Mode/Exit-Only Muting Mode using PNP Outputs
The following is the example of External Device Monitoring disabled, Auto Reset mode, PNP output and External Test in 24 V Active.
DIP Switch settings *6
: Indicates a switch position.
Configure functions with the DIP Switches before wiring.
Wiring Example
Note: Functional earth connection is unnecessary when you use the F3SG-RA in a general industrial environment where noise control or stable
power supply is considered. However, when you use the F3SG-RA in an environment where there may be excessive noise from
surroundings or stable power supply may be interfered, it is recommended the F3SG-RA be connected to functional earth.
The wiring examples in later examples do not indicate functional earth. To use functional earth, wire an earth cable according to the example
above. Refer to Safety Light Curtain F3SG-R Series User's Manual for more information.
Function
DIP-SW1
DIP-SW2
Receiver
EDM Disabled (factory default setting)
Auto Reset (factory default setting)
PNP (factory default setting)
Emitter
External Test: 24 V Active (factory default setting)
2ON
2ON
3ON
3ON
4ON
4ON
7ON
7ON
4ON
S1: Test Switch (Connect the line to 0 V if this switch
is not required)
S2: Lockout/Interlock Reset Switch,
Override Switch
or Override Cancel Switch
S2
*2
S1
Power Supply
+24 VDC
0 VDC
Safety
Controller *3 *4
Muting
Actuator *5
IN1
IN2
Unblocked
Blocked
MUTE A
MUTE B
OSSD
Test Switch (S1)
Beam state
PLC *7
IN
F39-JG
@A-L
F39-JG
@A-D
Functional Earth
*1.Also used as Override input line.
*2.Make sure to connect an override cancel switch to the Reset line when using the override function.
Otherwise the override state may not be released by the override cancel switch, resulting in serious
injury.
*3.Refer to page 30 for more information.
*4.The safety controller and the F3SG-RA must share the power supply or be connected to the common
terminal of the power supply.
*5.Refer to Smart Muting Actuator F3W-MA Series User's Manual for more information.
*6.The functions are configurable with DIP Switch. Refer to Safety Light Curtain F3SG-R Series User's
Manual for more information on setting the functions by the DIP Switch.
*7.When connecting to the PLC, the output mode must be changed with the Configuration Tool
according to your application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com