Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 10Page - Omron Electronics LLC F39-LP Datasheet HTML 11Page - Omron Electronics LLC F39-LP Datasheet HTML 12Page - Omron Electronics LLC F39-LP Datasheet HTML 13Page - Omron Electronics LLC F39-LP Datasheet HTML 14Page - Omron Electronics LLC F39-LP Datasheet HTML 15Page - Omron Electronics LLC F39-LP Datasheet HTML 16Page - Omron Electronics LLC F39-LP Datasheet HTML 17Page - Omron Electronics LLC F39-LP Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 164 page
background image
YES
YES
NO
NO
NO
YES
YES
YES
NO
High power
required for stable
NO
NO
・Quick and easy installation
・Stable operation and predictive mai
・For global use
・Easy adjustment
・Easy configuration and maintenance
• Four times longer
cutting oil resistance
• IP67G
• No dead space
• Simple functions
• Reduced wiring
• Fast response time: 5 ms
• Simple functions
START
• Series-connection
• Muting
Finger/hand/arm
protection
YES
YES
NO
YES
NO
YES
YES
Robust body without
cover required
• Possibility of accidental
contact
• Wash-down
environment
Muting/Blanking
• Machine partially
located in the detection
zone
• Distinguish workpieces
from operators
Blanking
Machine partially located
in the detection zone
Cutting oil
resistance
Exposed to
cutting oil
Simple wiring
Reduced wiring
connectors for easy
installation
Cutting oil
resistance
Exposed to
cutting oil
Muting
Distinguish
workpieces from
operators
• Dusty environment
• Operating range ≥ 10 m
Application
Application
Flowchart for product section
High functionality
Cutting oil resistant
Simple application
• Series-connection
• Up to 55 mm detection capability
• Muting
F3SG-R Series
Advanced type
F3SG-RA
F3SG-R Series
Robust type
F3SG-RR
F3SG-R Series
Easy type
F3SG-RE
F3SJ Series
EASY type
F3SJ-E
F3SJ Series
BASIC type
F3SJ-B
F3SJ Series
ADVANCED type
F3SJ-A
F3SJ Series
ENVIRONMENT RESISTANT type
F3SJ-B-02TS
START
Leg/body protection
14 | Safety Light Curtain F3SG-R Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com