Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 55 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 55 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 51Page - Omron Electronics LLC F39-LP Datasheet HTML 52Page - Omron Electronics LLC F39-LP Datasheet HTML 53Page - Omron Electronics LLC F39-LP Datasheet HTML 54Page - Omron Electronics LLC F39-LP Datasheet HTML 55Page - Omron Electronics LLC F39-LP Datasheet HTML 56Page - Omron Electronics LLC F39-LP Datasheet HTML 57Page - Omron Electronics LLC F39-LP Datasheet HTML 58Page - Omron Electronics LLC F39-LP Datasheet HTML 59Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 164 page
background image
F3SG-RR
55
Connections (Basic Wiring Diagram)
Standalone F3SG-RR using PNP Outputs
Auto Reset Mode, EDM enabled and PNP Outputs
The following is the example of Muting not used, External Device Monitoring enabled, Auto Reset Mode, PNP outputs and External Test in 24 V
Active (not used).
Settings
Wiring Example
Note: Functional earth connection is unnecessary when you use the F3SG-RR in a general industrial environment where noise
control or stable power supply is considered. However, when you use the F3SG-RR in an environment where there may
be excessive noise from surroundings or stable power supply may be interfered, it is recommended the F3SG-RR be
connected to functional earth.
The wiring examples in later examples do not indicate functional earth. To use functional earth, wire an earth cable
according to the example above. Refer to Safety Light Curtain F3SG-RR Series User's Manual for more information.
Function
Receiver
EDM Enabled (factory default setting) *1
Auto Reset (factory default setting) *1
PNP (factory default setting) *1
Emitter
External Test: 24 V Active (End Cap: Black) (factory default setting)
Unblocked
Blocked
Beam state
OSSD
KM1, KM2: Safety relay with forcibly guided contacts (G7SA)
M: Motor
Functional Earth
F39-JD
@@A-L *5
F39-JD
@@A-D *5
KM1
KM2
M
KM1 KM2
KM1
KM2
Power Supply
+24 VDC
0 VDC
*1.The functions are configurable with Configuration Tool. Refer to Safety Light
Curtain Configuration Tool for Model F3SG (SD Manager 2) User’s Manual
for more information on setting the functions by the Configuration Tool.
*2.Connect the line to 24 V via a test switch (N.O. contact) if External Test is
used.
*3.Also used as EDM input line. Connect a lockout reset switch (N.C. contact)
to this line in series with the KM1 and KM2 if Lockout Reset is used.
*4.The F39-JD
@RA-L Single-Ended Cable for Emitter (Oil-Resistant Cable)
does not have the red, white and yellow wires.
*5.For the F39-JD
@A-@ Single-Ended Cable, connect the shield line to 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com