Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 76 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 76 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 72Page - Omron Electronics LLC F39-LP Datasheet HTML 73Page - Omron Electronics LLC F39-LP Datasheet HTML 74Page - Omron Electronics LLC F39-LP Datasheet HTML 75Page - Omron Electronics LLC F39-LP Datasheet HTML 76Page - Omron Electronics LLC F39-LP Datasheet HTML 77Page - Omron Electronics LLC F39-LP Datasheet HTML 78Page - Omron Electronics LLC F39-LP Datasheet HTML 79Page - Omron Electronics LLC F39-LP Datasheet HTML 80Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 164 page
background image
F3SG-RE
76
Sensor Mounting Brackets
*1. [for F3SG-4RE
@@@@@14] Protective height of 0160 to 1200: 2 sets, Protective height of 1280 to 2080: 3 sets
[for F3SG-4RE
@@@@@30] Protective height of 0190 to 1230: 2 sets, Protective height of 1310 to 2270: 3 sets, Protective height of 2350 to 2510: 4 sets
*2. Top/Bottom Adjustable Bracket cannot be used with the Standard Fixed Bracket. Use with the Standard Adjustable Bracket.
Using Top/Bottom Adjustable Brackets with Standard Adjustable Brackets
F3SG-4RE
@@@@@14: Protective height of 1040 or less: The Standard Adjustable Bracket is not required. Please purchase 1 set of Top/Bottom Adjustable
Brackets (F39-LGTB(-1)).
Protective height of 1120 to 1920: Please purchase 1 set of Top/Bottom Adjustable Brackets (F39-LGTB(-1)) and 1 set of Standard
Adjustable Brackets (F39-LGA).
Protective height of 2000 to 2080: Please purchase 1 set of Top/Bottom Adjustable Brackets (F39-LGTB(-1)) and 2 sets of Standard
Adjustable Brackets (F39-LGA).
F3SG-4RE
@@@@@30: Protective height of 1070 or less: The Standard Adjustable Bracket is not required. Please purchase 1 set of Top/Bottom Adjustable
Brackets (F39-LGTB(-1)).
Protective height of 1150 to 1950: Please purchase 1 set of Top/Bottom Adjustable Brackets (F39-LGTB(-1)) and 1 set of Standard
Adjustable Brackets (F39-LGA).
Protective height of 2030 to 2510: Please purchase 1 set of Top/Bottom Adjustable Brackets (F39-LGTB(-1)) and 2 sets of Standard
Adjustable Brackets (F39-LGA).
Laser Pointer for F3SG-R
Appearance
Specification
Application
Model
Standard
Fixed Bracket
Bracket to mount the F3SG-R.
Side mounting and backside mounting possible.
(This is included as a standard accessory with the product. It
comes as a set of two Brackets. Refer to note *1 for the number
of sets provided with each model.)
F39-LGF
Standard
Adjustable Bracket
Bracket to mount the F3SG-R.
Beam alignment after mounting possible.
The angle adjustment range is
±15°.
Side mounting and backside mounting possible.
(Sold separately as a set of two Brackets. Refer to note *1 for the
number of sets required for each model.)
F39-LGA
Top/Bottom
Adjustable Bracket *2
Bracket to mount the F3SG-R. Use this bracket at the top and
bottom positions of the F3SG-R.
Beam alignment after mounting possible.
The angle adjustment range is
±22.5°.
Side mounting and backside mounting possible.
(Sold separately. 4 brackets per set.)
F39-LGTB
Top/Bottom
Adjustable Bracket *2
(For user-made
mounting part)
Top/Bottom Adjustable Bracket without a bracket to mount to the
wall. Use the user's own wall mounting part to suit the machine.
(Sold separately. 4 brackets per set.)
F39-LGTB-1
Appearance
Specifications
Model
The laser pointer is attached on the optical surface of the F3SG-R
to help coarse adjustment of beams.
F39-PTG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com