Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 49 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 49 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 45Page - Omron Electronics LLC F39-LP Datasheet HTML 46Page - Omron Electronics LLC F39-LP Datasheet HTML 47Page - Omron Electronics LLC F39-LP Datasheet HTML 48Page - Omron Electronics LLC F39-LP Datasheet HTML 49Page - Omron Electronics LLC F39-LP Datasheet HTML 50Page - Omron Electronics LLC F39-LP Datasheet HTML 51Page - Omron Electronics LLC F39-LP Datasheet HTML 52Page - Omron Electronics LLC F39-LP Datasheet HTML 53Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 164 page
background image
F3SG-RR
49
Interface units and configuration tool SD Manager 2 *
* When the accessory is used, protect it from cutting oil.
Lamp *
* When the accessory is used, protect it from cutting oil.
End Cap *1 *2
*1. This accessory can also be used with the F3SG-RA.
*2. When the accessory is used, protect it from cutting oil.
Laser Pointer for F3SG-R *
* When the accessory is used, protect it from cutting oil.
Test Rod
Appearance
Type
Specifications
Model
SD Manager 2
The Configuration Tool SD Manager 2 is
available to download from our website at
http://www.ia.omron.com/f3sg-r_tool
−
Interface Unit
F39-GIF-1 interface unit to connect the F3SG-RR
receiver to a USB port of the PC
Accessories:
F39-CN1 Branch Connector (1),
Connector Cap (1),
2-m Dedicated Cable (1),
Instruction Manual
F39-GIF-1
Bluetooth
Communication Unit
F39-BT bluetooth unit to enable bluetooth on the
F3SG-RR
IP67 rated when mated.
F39-BT
Appearance
Type
Specifications
Model
Lamp
The lamp unit can be connected to a receiver and
turned ON based on the operation of F3SG-RA/RR.
The lamp can indicate red, orange, and green colors,
to which three different states can be assigned.
IP67 rated when mated.
F39-LP
Lamp and Bluetooth
Communication Unit
F39-BTLP
Appearance
Specifications
Model
Housing color: Black
For both emitter and receiver
(Attached to the F3SG-RR. The End Cap can be purchased if lost.)
IP67 rated when mated.
F39-CNM
Appearance
Specifications
Model
The laser pointer is attached on the optical surface of the F3SG-R to help coarse
adjustment of beams.
F39-PTG
Diameter
Model
14 mm dia.
F39-TRD14
25 mm dia.
F39-TRD25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com