Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 19Page - Omron Electronics LLC F39-LP Datasheet HTML 20Page - Omron Electronics LLC F39-LP Datasheet HTML 21Page - Omron Electronics LLC F39-LP Datasheet HTML 22Page - Omron Electronics LLC F39-LP Datasheet HTML 23Page - Omron Electronics LLC F39-LP Datasheet HTML 24Page - Omron Electronics LLC F39-LP Datasheet HTML 25Page - Omron Electronics LLC F39-LP Datasheet HTML 26Page - Omron Electronics LLC F39-LP Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 164 page
background image
F3SG-RA
23
Ratings and Specifications
Main unit
The
@@@@ in the model names indicate the protective heights in millimeters.
F3SG-4RA-14
F3SG-2RA-14
F3SG-4RA-30
F3SG-2RA-30
Type of ESPE (IEC 61496-1)
Type 4
F3SG-4RA
-14/-30
Type 2
F3SG-2RA
-14/-30
Performance
Object Resolution
(Detection Capability)
Opaque objects
14-mm dia.
30-mm dia.
Beam Gap
10 mm
20 mm
Number of Beams
15 to 207
8 to 124
Lens Size
5.2 × 3.4 (W × H) mm
7-mm dia.
Protective Height
160 to 2080 mm (6.3 to 81.9 inch)
190 to 2510 mm (7.3 to 98.7 inch)
Operating Range
Long
0.3 to 10.0 m (1 to 32 ft.)
0.3 to 20.0 m (1 to 65 ft.)
Short
0.3 to 3.0 m (1 to 10 ft.)
0.3 to 7.0 m (1 to 23 ft.)
Response Time
ON to OFF
Normal mode: 8 to 18 ms max. *1
Slow mode: 16 to 36 ms max. *1 *2
OFF to ON
40 to 90 ms max. *1
*1. Response time when used in one segment system or in cascaded connection.
Refer to page 25 for the one segment system. Refer to Safety Light Curtain F3SG-R Series User's Manual (ManNo.:
Z352) for cascaded connection.
*2. Selectable by Configuration Tool.
Effective Aperture Angle
(EAA) (IEC 61496-2)
Type 4
±2.5° max., emitter and receiver at operating range of 3 m or greater
Type 2
±5.0° max., emitter and receiver at operating range of 3 m or greater
Light Source
Infrared LEDs, Wavelength: 870 nm
Startup Waiting Time
2 s max.
Electrical
Power Supply Voltage (Vs)
SELV/PELV 24 VDC±20% (ripple p-p 10% max.)
Current Consumption
Refer to page 25 .
Safety Outputs (OSSD)
Two PNP or NPN transistor outputs (PNP or NPN is selectable by DIP Switch.)
Load current of 300 mA max., Residual voltage of 2 V max. (except for voltage drop due to cable
extension), Capacitive load of 1
μF max., Inductive load of 2.2 H max. *1
Leakage current of 1 mA max. (PNP), 2 mA max. (NPN) *2
*1. The load inductance is the maximum value when the safety output frequently repeats ON and
OFF. When you use the safety output at 4 Hz or less, the usable load inductance becomes
larger.
*2. These values must be taken into consideration when connecting elements including a
capacitive load such as a capacitor.
Auxiliary Output
One PNP or NPN transistor output (PNP or NPN is selectable by DIP Switch.)
Load current of 100 mA max., Residual voltage of 2 V max .
Output Operation
Mode
Safety Output
Light-ON (Safety output is enabled when the receiver receives an emitting signal.)
Auxiliary Output
Safety output (Inverted signal output:Enable) (default) (Cofigurable by Configuration Tool)
Input Voltage
ON Voltage
TEST:
24 V Active: 9 V to Vs (sink current 3 mA max.) *
0 V Active: 0 to 3 V (source current 3 mA max.)
MUTE A/B:
PNP: Vs to Vs-3 V (sink current 3 mA max.) *
NPN: 0 to 3 V (source current 3 mA max.)
RESET:
PNP: Vs to Vs-3 V (sink current 5 mA max.) *
NPN: 0 to 3 V (source current 5 mA max.)
OFF Voltage
TEST:
24 V Active : 0 to 1.5 V or open
0 V Active : 9 V to Vs or open
MUTE A/B, RESET:
PNP: 0 to 1/2 Vs, or open *
NPN: 1/2 Vs to Vs, or open *
* The Vs indicates a supply voltage value in your environment.
Overvoltage Category (IEC 60664-1)
II
Indicators
Refer to page 27.
Protective Circuit
Output short protection, Power supply reverse polarity protection
Insulation Resistance
20 M
Ω or higher (500 VDC megger)
Dielectric Strength
1,000 VAC, 50/60 Hz (1 min)
Functional
Mutual Interference Prevention (Scan Code)
This function prevents mutual interference in up to two F3SG-RA systems.
Cascade Connection
Number of cascaded segments: 3 max.
Total number of beams: 255 max.
Cable length between sensors: 10 m max.
(not including cascading cable (F39-JGR2W) and power cable)
Test Function
Self-test (at power-on, and during operation)
External test (light emission stop function by test input)
Safety-Related Functions
Interlock
External device monitoring (EDM)
Pre-reset
Fixed blanking/Floating blanking
Reduced resolution
Muting/Override
Scan code selection
PNP/NPN selection
Response time adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com