Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 6Page - Omron Electronics LLC F39-LP Datasheet HTML 7Page - Omron Electronics LLC F39-LP Datasheet HTML 8Page - Omron Electronics LLC F39-LP Datasheet HTML 9Page - Omron Electronics LLC F39-LP Datasheet HTML 10Page - Omron Electronics LLC F39-LP Datasheet HTML 11Page - Omron Electronics LLC F39-LP Datasheet HTML 12Page - Omron Electronics LLC F39-LP Datasheet HTML 13Page - Omron Electronics LLC F39-LP Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 164 page
background image
10 | Safety Light Curtain F3SG-R Series
Robust design for reliable use even in
cutting oil environments
IP67G
No dead space
The F3SG-R perfectly fits to machines without wasting space. Thanks to the Cascade
Connection function and perfect fit installation, you can series-connect light curtains to fit
various protective heights, reducing inventories.
F3SG-
RR
Previous model
F3SJ-A/B
F3SG-RR
*1. Up to three sets of F3SG-R (up to 255 beams in total) can be series-connected.
*2. Protect cascading cables from cutting oil.
Example of 25 mm detection capability
Example of 25 m
The detection zone
completely covers the joint
25-mm dia.
Cutting oil resistant
Robust
type
NEW
No dead
space
Four times
Four times longer*
longer*
cutting oil resistance
cutting oil resistance
Four times longer*
cutting oil resistance
The F3SG-RR has the ability to protect
from cutting oil (IP67G) for four times
longer than the previous model.
No gaps
Patented
Cutting oil
Unique construction
* Compared to the previous model
(Omron survey as of March 2017)
The optical surface is completely covered with rubber, and the
metal parts placed on the rubber are compressed and deformed
to seal tightly. This construction does not use double-sided tape
that oil can penetrate, preventing cutting oil from getting inside.
Completely blocked
e joint
No dead
space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com