Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 50 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 50 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 46Page - Omron Electronics LLC F39-LP Datasheet HTML 47Page - Omron Electronics LLC F39-LP Datasheet HTML 48Page - Omron Electronics LLC F39-LP Datasheet HTML 49Page - Omron Electronics LLC F39-LP Datasheet HTML 50Page - Omron Electronics LLC F39-LP Datasheet HTML 51Page - Omron Electronics LLC F39-LP Datasheet HTML 52Page - Omron Electronics LLC F39-LP Datasheet HTML 53Page - Omron Electronics LLC F39-LP Datasheet HTML 54Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 164 page
background image
F3SG-RR
50
Ratings and Specifications
Main unit
The
@@@@ in the model names indicate the protective heights in millimeters.
F3SG-4RR-14
F3SG-4RR-25
Performance
Object Resolution
(Detection Capability)
Opaque objects
14-mm dia.
25-mm dia.
Beam Gap
10 mm
20 mm
Number of Beams
23 to 191
12 to 96
Lens Size
5.2 × 3.4 (W × H) mm
6.0 × 5.0 (W × H) mm
Protective Height
240 to 1920 mm
Operating Range
0.3 to 10.0 m
0.3 to 17.0 m
Response Time
ON to OFF
Normal mode: 8 to 18 ms *1
Slow mode: 16 to 36 ms *1 *2
OFF to ON
Normal mode: 40 to 90ms (synchronized), 140 to 190ms (not synchronized) *1
*1. Response time when used in one segment system or in cascaded connection.
Refer to page 52.
*2. Selectable by Configuration Tool.
Effective Aperture Angle
(EAA) (IEC 61496-2)
±2.5° max., emitter and receiver at operating range of 3 m or greater
Light Source
Infrared LEDs, Wavelength: 870 nm
Startup Waiting Time
2 s max.
Electrical
Power Supply Voltage (Vs)
SELV/PELV 24 VDC±20% (ripple p-p 10% max.)
Current Consumption
Refer to page 52 .
Safety Outputs (OSSD)
Two PNP or NPN transistor outputs
(PNP or NPN is selectable by Configuration Tool.)
Load current of 300 mA max., Residual voltage of 2 V max. (except for voltage drop due to cable
extension), Capacitive load of 1
μF max., Inductive load of 2.2 H max. *1
Leakage current of 1 mA max. (PNP), 2 mA max. (NPN) *2
*1. The load inductance is the maximum value when the safety output frequently repeats ON and OFF.
When you use the safety output at 4 Hz or less, the usable load inductance becomes larger.
*2. These values must be taken into consideration when connecting elements including a capacitive
load such as a capacitor.
Auxiliary Output
One PNP or NPN transistor output
(PNP or NPN is selectable by Configuration Tool.)
Load current of 100 mA max., Residual voltage of 2 V max .
Output Operation
Mode
Safety Output
Light-ON (Safety output is enabled when the receiver receives an emitting signal.)
Auxiliary Output
Safety output (Inverted signal output:Enable) (default)
(Cofigurable by Configuration Tool)
Input Voltage
External device
monitoring
input
(Lockout
reset input)
PNP
ON voltage: Vs-3 V to Vs (short circuit current: approx. 6.5 mA) *
OFF voltage: 0 V to 1/2 Vs, or open (short circuit current: approx. 8.0 mA) *
NPN
ON voltage: 0 V to 3 V (short circuit current: approx. 8.0 mA)
OFF voltage: 1/2 Vs to Vs, or open (short circuit current: approx. 6.5 mA) *
Muting
input A/B
PNP
ON voltage: Vs-3 V to Vs (short circuit current: approx. 3.0 mA) *
OFF voltage: 0 V to 1/2 Vs, or open (short circuit current: approx. 5.0 mA) *
NPN
ON voltage: 0 V to 3 V (short circuit current: approx. 5.0 mA)
OFF voltage: 1/2 Vs to Vs, or open (short circuit current: approx. 3.0 mA) *
Test input
24 V Active setting:
ON voltage: 9 V to Vs (short circuit current: approx. 2.5 mA) *
OFF voltage: 0 V to 1.5 V or open (short circuit current: approx. 2.0 mA)
0 V Active setting:
ON voltage: 0 V to 3 V (short circuit current: approx. 2.0 mA)
OFF voltage: 9 V to Vs or open (short circuit current: approx. 2.5 mA) *
* The Vs indicates a supply voltage value in your environment.
Overvoltage Category (IEC 60664-1)
II
Indicators
Refer to page 54.
Protective Circuit
Output short protection, Power supply reverse polarity protection
Insulation Resistance
20 M
Ω or higher (500 VDC megger)
Dielectric Strength
1,000 VAC, 50/60 Hz (1 min)
Functional
Mutual Interference Prevention
(Scan Code)
This function prevents mutual interference in up to two F3SG-RR systems.
Cascade Connection
Number of cascaded segments: 3 max.
Total number of beams: 255 max.
Cable length between sensors: 10 m max.
(not including cascading cable (F39-JGR2WTS) and power cable)
Test Function
Self-test (at power-on, and during operation)
External test (light emission stop function by test input)
Safety-Related Functions
Interlock
External device monitoring (EDM)
Pre-reset
Fixed blanking/Floating blanking
Reduced resolution
Muting/Override
Scan code selection
PNP/NPN selection
Response time adjustment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com