Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 15Page - Omron Electronics LLC F39-LP Datasheet HTML 16Page - Omron Electronics LLC F39-LP Datasheet HTML 17Page - Omron Electronics LLC F39-LP Datasheet HTML 18Page - Omron Electronics LLC F39-LP Datasheet HTML 19Page - Omron Electronics LLC F39-LP Datasheet HTML 20Page - Omron Electronics LLC F39-LP Datasheet HTML 21Page - Omron Electronics LLC F39-LP Datasheet HTML 22Page - Omron Electronics LLC F39-LP Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 164 page
background image
F3SG-RA
19
Y-Joint Plug/Socket Connector for F3SG-4RA
@@@@-14/-4RA@@@@-30
For reduced wiring
* Order the cable for emitter (end of model: -L) and the cable for receiver (end of model: -D).
Cascading Cable (2 cables per set, for emitter and receiver)
Note: The Double-Ended Cable (up to 10 m: F39-JG10B) can be added to extend the cable length between the series-connected sensors.
Cable length between sensors: 10 m max. (not including cascading cable (F39-JGR2W) and power cable)
Appearance
Type
Cable length
Specifications
Model
M12 connectors.
Used for reduced
wiring.
0.5 m
F39-GCNY2
Appearance
Type
Cable length
Specifications
Model
Emitter cable:
Cap (5-pin), M12
connector (5-pin)
Receiver cable:
Cap (8-pin), M12
connector (8-pin)
0.2 m
F39-JGR2W
F3SG-RA
Emitter
Double-Ended Cable
F39-JG
@B-L (Gray) *
Single-Ended Cable
F39-JG
@A-D (Black) *
Y-Joint Plug/
Socket Connector for Advanced type
F39-GCNY2
F3SG-RA
Receiver
Secondary
sensor 1
(Emitter)
Secondary
sensor 1
(Receiver)
Primary
sensor
(Emitter)
Primary
sensor
(Receiver)
Cascading Cable
F39-JGR2W
Cable
F39-JG
@@@-D
Cable
F39-JG
@@@-L
Emitter
Receiver
Cable is gray
F39-JG
@B-L (Gray)
Double-Ended Cable
F39-JG
@B
Cable is black
F39-JG
@B-D (Black)
Cascading Cable
F39-JGR2W
Emitter
Receiver
Cable is gray
Cable is black
Remove the cap
Remove the cap
<Connection example>



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com