Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 115 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 115 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 111Page - Omron Electronics LLC F39-LP Datasheet HTML 112Page - Omron Electronics LLC F39-LP Datasheet HTML 113Page - Omron Electronics LLC F39-LP Datasheet HTML 114Page - Omron Electronics LLC F39-LP Datasheet HTML 115Page - Omron Electronics LLC F39-LP Datasheet HTML 116Page - Omron Electronics LLC F39-LP Datasheet HTML 117Page - Omron Electronics LLC F39-LP Datasheet HTML 118Page - Omron Electronics LLC F39-LP Datasheet HTML 119Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 164 page
background image
F3SG-RA-01TS
115
Side Mounting
2-M8
40.8
35
4
51.65
S2.5
35
23.2
26.5
35
9.2
9.6
2-S3
50.35
42.35
Top/Bottom
Adjustable
Bracket
(F39-LGTB)
Top/Bottom
Adjustable
Bracket
(F39-LGTB)
Standard
Adjustable
Bracket
(F39-LGA)
Backside : 2-S3
2-M5 or M6
2-M5 or M6
2-M5 or M6
<Screw for Top/Bottom Adjustable
Bracket: M5 or M6>
<Screw for Top/Bottom Adjustable
Bracket: M8>
F3SG-4RA-25-01TS Series (Except fot 0185)
Optional
accessory not
connected
Optional accessory connected
F39-JGR2WTS
F39-BT
F39-LP
F39-BTLP
Dimension A
C+23
C+23
Dimension C
4-digit number of
the type name
(Protective height)
4-digit number of the type name
(Protective height)
Dimension D
C-45
C-45
Dimension G
C+82.5
C+85.5
C+96
C+107.5
Dimension H
C+108
C+111
C+121.5
C+133
Dimension I
C+127
C+130
C+140.5
C+152
Dimension P
20
20
Protective height
(C)
Number of Standard
Adjustable Brackets
Number of Standard
Adjustable Brackets
Dimension F
0265 to 1065
2
0
-
1145 to 1945
2
1
1000 mm max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com