Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 124 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 124 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 120Page - Omron Electronics LLC F39-LP Datasheet HTML 121Page - Omron Electronics LLC F39-LP Datasheet HTML 122Page - Omron Electronics LLC F39-LP Datasheet HTML 123Page - Omron Electronics LLC F39-LP Datasheet HTML 124Page - Omron Electronics LLC F39-LP Datasheet HTML 125Page - Omron Electronics LLC F39-LP Datasheet HTML 126Page - Omron Electronics LLC F39-LP Datasheet HTML 127Page - Omron Electronics LLC F39-LP Datasheet HTML 128Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 164 page
background image
F3SG-RA-02TS
124
Cascading Cable (2 cables per set, one for emitter and one for receiver)
Note: The Double-Ended Cable (up to 10 m: F39-JD10B) can be added to extend the cable length between the series-connected sensors.
Cable length between sensors: 10 m max. (not including cascading cable (F39-JGR2WTS) and power cable)
Sensor Mounting Brackets
*1. Protective height of 0240 to 1200 mm: 2 sets, Protective height of 1280 to 1920 mm: 3 sets
*2. Use the Top/Bottom Bracket in combination with the Intermediate Bracket.
Protective height of 1040 or less: The Intermediate Bracket is not required. Please purchase 1 set of Top/Bottom Brackets (F39-LGRTB(-2/-3)).
Protective height of 1120 to 1920: Please purchase 1 set of Top/Bottom Brackets (F39-LGRTB(-2/-3)) and 1 set of Intermediate Brackets (F39-
LGRA).
Appearance
Type
Cable length
Specifications
Model
Cap (8-pin), M12
connector (8-pin)
0.2m
F39-JGR2WTS
Appearance
Specifications
Application
Model
Free-Location Bracket
(Intermediate Bracket)
Beam alignment after mounting possible. The angle
adjustment range is ±15°.
Side mounting and backside mounting possible.
(Sold separately as a set of 2 brackets. Refer to note *1
for the number of sets required for each model.)
F39-LGRA
Top/Bottom Bracket *2
Use this bracket at the top and bottom positions of the
F3SG-RA-02TS. Beam alignment after mounting
possible. The angle adjustment range is ±22.5°.
Side mounting and backside mounting possible.
(Sold separately as a set of 4 brackets.)
F39-LGRTB
Top/Bottom Bracket *2 The part of this bracket to contact with a wall surface has
a different shape from the F39-LGRTB Top/Bottom
Bracket.
Use this bracket when replacing an existing safety light
curtain with the F3SG-RA-02TS.
(Sold separately as a set of 4 brackets.)
Select a bracket that fit into the existing mounting hole.
F39-LGRTB-2
Top/Bottom Bracket *2
F39-LGRTB-3
IP67* rated when mated.
* When the accessory is used, protect it from cutting oil.
Secondary
sensor 1
(Emitter)
Secondary
sensor 1
(Receiver)
Primary
sensor
(Emitter)
Primary
sensor
(Receiver)
Cascading Cable
F39-JGR2WTS
Cable
F39-JD
@A-D
Cable
F39-JD
@A-L
Cable is black
F39-JD
@B-D (Black)
Cable is black
Remove the cap
Double-Ended Cable
F39-JD
@B
Cascading Cable
F39-JGR2WTS
Cable is gray
F39-JD
@B-L (Gray)
Cable is gray
Remove the cap
Emitter
Receiver
Emitter
Receiver



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com