Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F39-LP Datasheet(PDF) 160 Page - Omron Electronics LLC

Part # F39-LP
Description  Safety Light Curtain
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F39-LP Datasheet(HTML) 160 Page - Omron Electronics LLC

Back Button F39-LP Datasheet HTML 156Page - Omron Electronics LLC F39-LP Datasheet HTML 157Page - Omron Electronics LLC F39-LP Datasheet HTML 158Page - Omron Electronics LLC F39-LP Datasheet HTML 159Page - Omron Electronics LLC F39-LP Datasheet HTML 160Page - Omron Electronics LLC F39-LP Datasheet HTML 161Page - Omron Electronics LLC F39-LP Datasheet HTML 162Page - Omron Electronics LLC F39-LP Datasheet HTML 163Page - Omron Electronics LLC F39-LP Datasheet HTML 164Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 160 / 164 page
background image
F3W-MA
160
Double-Ended Cable for Emitter: Cable for extension (F39-JGB-L, sold separately)
Double-Ended Cable for Receiver: Cable for extension (F39-JG
@B-D, sold separately)
4-Joint Plug/Socket Connector for Emitter (F39-GCN4-L, sold separately)
4-Joint Plug/Socket Connector for Receiver (F39-GCN4-D, sold separately)
Related Manuals
Emitter cable (Gray)
Receiver cable (Black)
L (m)
F39-JGR5B-L
F39-JGR15B-D
0.5
F39-JG1B-L
F39-JG1B-D
1
F39-JG3B-L
F39-JG3B-D
3
F39-JG5B-L
F39-JG5B-D
5
F39-JG7B-L
F39-JG7B-D
7
F39-JG10B-L
F39-JG10B-D
10
F39-JG15B-L
F39-JG15B-D
15
F39-JG20B-L
F39-JG20B-D
20
ManNo.
Model
Manual name
Z355
F3W-MA
Smart Muting Actuator F3W-MA Series User's Manual
M12 IP67 connector
Insulated vinyl round cable dia. 6.6, 5-wire (2-pair + 1)
(Cross section of conductor: 0.38 mm2/insulator diameter: dia. 1.2 mm)
M12 IP67 connector
40.7
L
44.7
M12 IP67 connector
Insulated vinyl round cable dia. 6.6, 8-wire (4-pair)
(Cross section of conductor: 0.38 mm2/insulator diameter: dia. 1.2 mm)
M12 IP67 connector
40.7
L
44.7
17
3
5
2
1
4
M12 x 1
M12 IP67 connector, 5-wire
M12 IP67 connector, 5-wire
M12 IP67 connector, 5-wire
M12 IP67 connector, 5-wire
5
4
1
23
M12 x 1
7
27
58.3
13.6
MA2
SLC
MA1
CN
2-dia.
5.5
2-dia.10
Material: PBT (Main body)
17
3
5
2
1
6
M12 x 1
5
8
7
2
3
M12 x 1
7
27
58.3
13.6
MA2
SLC
MA1
CN
2-dia.
5.5
2-dia.10
4
7
8
6
1
4
M12 IP67 connector, 8-wire
M12 IP67 connector, 8-wire
M12 IP67 connector, 8-wire
M12 IP67 connector, 8-wire
Material: PBT (Main body)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com