Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 6 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 2Page - OSRAM GmbH D7BCT Datasheet HTML 3Page - OSRAM GmbH D7BCT Datasheet HTML 4Page - OSRAM GmbH D7BCT Datasheet HTML 5Page - OSRAM GmbH D7BCT Datasheet HTML 6Page - OSRAM GmbH D7BCT Datasheet HTML 7Page - OSRAM GmbH D7BCT Datasheet HTML 8Page - OSRAM GmbH D7BCT Datasheet HTML 9Page - OSRAM GmbH D7BCT Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
1. General
5
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
1.3.2 OSRAM DULUX® EL
LONGLIFE
E14
©
3 W
©
5 W
©
7 W
©
11 W
15 W
25 W
40 W
60 W
Reference
DEL
DEL
DEL
DEL
DEL
LL
LL
LL
LL***
LL**
3 W E14
5 W E14
7 W E14
11 W E14
11 W E14
Fig.
12223
Warm start (start with cathode preheating)
Yes
Yes
Yes
Yes
Yes
Power input (W)
3
5
7
11
11
Lamp current rms value (mA)
30
40
55
90
90
Peak value (mA)
75
150
180
270
270
Luminous flux (lm)
100
240
400
600
630
Luminous efficacy (lm/W)
33
48
57
55
57
Colour appearance
827
827
827
827
827
Colour rendering group
1B
1B
1B
1B
1B
Energy Label classification
AAAAA
Length L1 (mm)
58,5
64
78
78
72
Length L2 (mm)
115±2
122±2
136±3
148±3
126±3
Diameter d (mm)
30
36
45
45
45
Weight (g)
35
43
59
64
61
Suitable for DC operation
No
Yes*)
Yes*)
No
No
Rated average life (h)
12000
15000
15000
15000
15000
*
see 3.5.2
** From January 2004
*** Will be withdrawn by the end of 2003
d
1
2
d
3
d
The high quality brand name compact fluorescent lamp with E14 base.
• About 12 years life (if used for around 3 hours a day)
• Very low weight and suitable for small luminaires
• On/off switching as for ordinary light bulbs with no reduction in life (more than
500000 switching operations possible in a 30 s on/150 s off cycle)
• A total of four wattages for the large range of E14 applications
• Luminaires restricted to 40 W incandescent lamps can be made brighter with
OSRAM DULUX® EL LONGLIFE E14 11 W lamps (60 W equivalent)
• The OSRAM DULUX® EL 3 W is the most compact and economical energy saving
lamp with a screw base
• OSRAM DULUX® EL LONGLIFE 5 W and 7 W with E14 bases are suitable for
continuous operation on DC power supplies with restrictions (see also 3.5.2)
• Not suitable for use with dimmers, electronic switches or motion detectors
NEW
LONGLIFE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com