Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 37 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 37 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 33Page - OSRAM GmbH D7BCT Datasheet HTML 34Page - OSRAM GmbH D7BCT Datasheet HTML 35Page - OSRAM GmbH D7BCT Datasheet HTML 36Page - OSRAM GmbH D7BCT Datasheet HTML 37Page - OSRAM GmbH D7BCT Datasheet HTML 38Page - OSRAM GmbH D7BCT Datasheet HTML 39Page - OSRAM GmbH D7BCT Datasheet HTML 40Page - OSRAM GmbH D7BCT Datasheet HTML 41Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 54 page
background image
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
36
3.5.2
Operation on DC
voltage/emergency
lighting
3.5.2.1 OSRAM DULUX® EL
LONGLIFE
5 W and 7 W
OSRAM DULUX® EL LONGLIFE 5 W and 7 W E27/ B22d / E14 can be operated in the
usual AC voltage range and also on DC voltage in the 176 V DC to 310 V DC range
and on battery powered 220/240 V systems.
At a lower threshold voltage of 176 V DC the lamps will start reliably from 5°C to 50°C
and are insensitive to overvoltages in the DC system up to 310 V DC.
OSRAM DULUX® EL LONGLIFE lamps achieve their rated values in DC operation at
around 280 V DC. For other DC voltages the differences are as follows:
Table 3:
Electrical and photometric data in dc operation
Supply voltage:
Power
Luminous flux1)
System or
input1)
battery current2)
310 V DC
110 %
110 %
48 %
280 V DC
100 %
100 %
49 %
220 V DC
80 %
78 %
50 %
180 V DC
65 %
60 %
50 %
1) As a percentage of the rated value
2) As a percentage of the rms value for AC voltage
Emergency lighting:
OSRAM DULUX® EL LONGLIFE 5 W and 7 W are suitable for use in emergency
lighting systems. For most emergency lighting systems, VDE 0108 calls for a
starting time of less than one second. Since the requirements for restart time with
DC voltage are met only if the lamp is at operating temperature, they can only be
used for maintained emergency lighting.
Table 4:
Typical starting times for OSRAM DULUX® EL LONGLIFE 5 W and 7 W
(in seconds, cold lamp) in DC operation at different temperatures
Ambient temperature:
176 V DC
198 V DC
220 V DC
280 V DC
0°C
7
5
4
2
10°C
6
4
3
2
23°C
5
4
3
< 2
50°C
4
3
2
1
The requirements for luminous flux, luminance and so on in areas such as corridors
and stairwells must be met by the system in which lighting designers use OSRAM
DULUX® EL LONGLIFE lamps.
3. Lamp data and lamp properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com