Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 9 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 9 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 5Page - OSRAM GmbH D7BCT Datasheet HTML 6Page - OSRAM GmbH D7BCT Datasheet HTML 7Page - OSRAM GmbH D7BCT Datasheet HTML 8Page - OSRAM GmbH D7BCT Datasheet HTML 9Page - OSRAM GmbH D7BCT Datasheet HTML 10Page - OSRAM GmbH D7BCT Datasheet HTML 11Page - OSRAM GmbH D7BCT Datasheet HTML 12Page - OSRAM GmbH D7BCT Datasheet HTML 13Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 54 page
background image
1. General
8
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
The low-cost brand name compact fluorescent lamp for standard lamp fittings.
• The quality standard for normal household sue, ideal for continuous economical
lighting
• About 6 years life (if used for around 3 hours a day)
• Instant flicker-free starting as for an ordinary light bulb
• Straightforward range with two E14 wattages and five E27/B22d wattages
• Cold start (no filament preheating, up to 5000 switching operations for a 30 s on,
30 s off cycle)
• Not suitable for DC operation, emergency lighting systems, dimmers, electronic
switches or motion detectors
1.3.4 OSRAM DULUX® EL
ECONOMY
Reference
DEL
DEL
DEL
DEL
ECO
ECO
ECO
ECO
8 W E14
12 W E14
8 W
12 W
Fig.
1
1
2
2
Cold start (start without cathode preheating)
Yes
Yes
Yes
Yes
Power input (W)
8
12
8
12
Lamp current rms value (mA)
75
120
75
120
Peak value (mA)
200
300
200
300
Luminous flux (lm)
400
550
400
5501)
Luminous efficacy (lm/W)
50
50
50
50
Colour appearance
827
827
827
827
–
–
840
840
–
8601)
–
8601)
Colour rendering group
1B
1B
1B
1B
Energy Label classification
A
A2)
AA2)
Length L1 (mm)
78
78
73
73
Length L2 (mm)
134±3
142±3
129±3
138±3
Diameter d (mm)
45
45
45
45
Weight (g)
59
60
55
60
Available with base
E14
E14
E27
E27
B22d
B22d
Suitable for DC operation
No
No
No
No
Rated average life (h)
8000
8000
8000
8000
1)
5 % less luminous flux for colour 860
2)
Colour 860, Energy Label B
2
d
1
d
40 W
60 W
75 W
100 W
120 W
©
8 W
© 12 W
© 16 W
© 21 W
© 24 W
ECONOMY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com