Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 26 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 26 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 22Page - OSRAM GmbH D7BCT Datasheet HTML 23Page - OSRAM GmbH D7BCT Datasheet HTML 24Page - OSRAM GmbH D7BCT Datasheet HTML 25Page - OSRAM GmbH D7BCT Datasheet HTML 26Page - OSRAM GmbH D7BCT Datasheet HTML 27Page - OSRAM GmbH D7BCT Datasheet HTML 28Page - OSRAM GmbH D7BCT Datasheet HTML 29Page - OSRAM GmbH D7BCT Datasheet HTML 30Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
2. Function and technical design
25
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
2.2
Electronic
control gear
2.2.1 Operation
Fluorescent lamps need a voltage pulse of several hundred volts in order to start, and
need the current to be limited to several hundred mA in order to continue operating
properly. In conventional control gear (CCG operation), these two functions are
provided by an inductive resistor (choke) and starter. Chokes for a mains frequency
of 50 Hz are large and heavy and cause power losses that in the case of compact
lamps may be as much as 40 % of the total power input.
Instead of conventional control gear, an OSRAM DULUX® EL lamp has integrated
electronic control gear for starting and current limitation. The electronic circuitry is
small and lightweight. The lamp starts quickly and without flickering.
The power losses are only one third of those of conventional control gear.
Electronic control gear contains a number of functional elements:
Fig. 3: Block diagram of electronic control gear
First, a DC voltage of about 280 V is produced from the 50 Hz mains voltage by a
rectifier with a smoothing capacitor. This voltage is converted into a square-wave
AC voltage with a frequency of more than 40 kHz in the high frequency generator
(oscillator), in which two transistors operate as fast acting switches. Even if electronic
control gear is used, current limitation and power setting are still handled by chokes.
Because of the high operating frequency, however, they have a very much smaller
inductance (owing to impedance Z = H x
ω) and smaller dimensions than the ones
used with conventional control gear.
For the lamp to start properly, a voltage of several hundred volts must be applied.
In OSRAM DULUX® EL LONGLIFE lamps the lamp electrodes are heated up to the
electrode emission temperature (warm start) prior to starting to achieve long life and
tolerance to frequent on/off switching.
With the electronic control gear used, these two conditions are met by a series
resonance circuit, whose resonating for OSRAM DULUX® EL LONGLIFE lamps is
deliberately delayed by a PTC thermistor (preheat phase).
In the case of OSRAM DULUX® EL VARIO, OSRAM DULUX® EL FACILITY and
OSRAM DULUX® EL SENSOR Plus, preheating of the filament and starting of the
lamp are closely controlled by an integrated circuit (OSRAM DULUX® IC).
A radio interference filter prevents the generator frequency and its harmonics from
affecting the supply cables.
Thanks to the electronic control gear, an OSRAM DULUX® EL can be operated on any
standard mains frequency and is not affected by fluctuations in the mains frequency.
Certain lamp types can also be operated on DC voltage (see 3.5.2).
230 V
50 Hz
325 V
Interference
filter
Smoothing
Rectifier
High frequency
generator
Current limiting
choke
lamp
Pre-
heat
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com