Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 38 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 38 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 34Page - OSRAM GmbH D7BCT Datasheet HTML 35Page - OSRAM GmbH D7BCT Datasheet HTML 36Page - OSRAM GmbH D7BCT Datasheet HTML 37Page - OSRAM GmbH D7BCT Datasheet HTML 38Page - OSRAM GmbH D7BCT Datasheet HTML 39Page - OSRAM GmbH D7BCT Datasheet HTML 40Page - OSRAM GmbH D7BCT Datasheet HTML 41Page - OSRAM GmbH D7BCT Datasheet HTML 42Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 54 page
background image
37
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
3.5.2.2 OSRAM DULUX® EL
LONGLIFE
FACILITY
OSRAM DULUX® EL FACILITY 10 W and 14 W E27/ B22d / E14 can be operated
indoors on AC voltage and also on DC voltage in the 176 V DC to 310 V DC range
and on battery powered 220/240 V systems.
At a lower threshold voltage of 176 V DC the OSRAM DULUX® EL FACILITY will start
reliably at temperatures from -30°C to 50°C. They can handle overvoltages in the DC
system up to 310 V DC. The lamps reach their rated values in DC operation at around
280 V DC. For other DC voltage values the differences are typically as follows:
Electrical and photometric data in DC operation
Emergency lighting:
With a starting time of less than 0.5 s, OSRAM DULUX® EL FACILITY lamps are
suitable in accordance with VDE 0108 for use in emergency lighting systems in a DC
voltage range from 176 V DC to 310 V DC. This applies to both maintained and non-
maintained emergency lighting.
With due regard to the properties of the lamps, the requirements for luminous flux and
illuminance in areas such as corridors and stairwells must be met by the system in
which lighting designers use OSRAM DULUX® EL FACILITY lamps.
Supply voltage:
Power
Luminous flux1)
System or
input1)
battery-current2)
310 V DC
110 %
110 %
48 %
280 V DC
100 %
100 %
49 %
220 V DC
80 %
78 %
50 %
180 V DC
65 %
60 %
50 %
1) As a percentage of the rated value
2) As a percentage of the rms value for ac voltage
3. Lamp data and lamp properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com