Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 48 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 48 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 44Page - OSRAM GmbH D7BCT Datasheet HTML 45Page - OSRAM GmbH D7BCT Datasheet HTML 46Page - OSRAM GmbH D7BCT Datasheet HTML 47Page - OSRAM GmbH D7BCT Datasheet HTML 48Page - OSRAM GmbH D7BCT Datasheet HTML 49Page - OSRAM GmbH D7BCT Datasheet HTML 50Page - OSRAM GmbH D7BCT Datasheet HTML 51Page - OSRAM GmbH D7BCT Datasheet HTML 52Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 54 page
background image
47
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
4.
OSRAM DULUX® EL
and the environment
4.1 Energy balance
4.2 Substances
Whenever energy is used there is an impact on the environment. This impact
principally takes the form of the release of carbon dioxide (CO2) when electricity is
generated in fossil fueled power stations (1 kWh of electricity = 1 kg of CO2 emissions*).
The CO2 contributes significantly to the „greenhouse effect“, or global warming.
Saving energy is therefore of utmost importance for environmental protection and
for OSRAM.
Compared with ordinary light bulbs, all OSRAM DULUX® EL LONGLIFE and
ECONOMY lamps not only save energy during their lives, they need less energy for
their manufacture.
* For an assumed efficiency of 37 % (power station + power distribution), a molecular
weight for CO2 of 44 and a thermal value of 10 kWh per 1 kg of coal (carbon), 1kg
CO2 is produced per 1 kWh of generated energy.
Like all discharge lamps, OSRAM DULUX® EL LONGLIFE and ECONOMY lamps are
enclosed systems in normal use. Apart from emitting light, they therefore can have no
impact on the environment.
A major substance in discharge lamps that is potentially harmful to the environment is
mercury. Without it, however, the lamps would not work. Thanks to a patented dosing
procedure, OSRAM has succeeded in reducing the mercury content to less than 3 mg
per lamp.
OSRAM DULUX® EL LONGLIFE and ECONOMY lamps contain no radioactive
substances.
What’s more, mercury is released when energy is generated from fossil fuels, which
means that in this respect the environmental impact of incandescent lamps is much
greater than that of compact fluorescent lamps even allowing for the mercury in the
compact fluorescent lamp.
All OSRAM DULUX® EL LONGLIFE and ECONOMY lamps are environmentally friendly
products because of their energy savings and the associated reduced environment
impact (carbon dioxide and mercury).
4. OSRAM DULUX® EL and the environment
Fig. 19:
Cumulative energy consumption (kWh) for the manufacture (incl. materials)
and operation of 75 W incandescent lamps and comparable 15 W OSRAM
DULUX® EL lamps
1000
800
600
400
200
15 Glühlampen
1 OSRAM DULUX® EL LONGLIFE
1137,9 kWh
228,4 kWh
12,9 kWh Herstellenergie
1125 kWh Betriebsenergie
3,4 kWh Herstellenergie
225 kWh Betriebsenergie
kWh
12,9 kWh manufacturing energy
1125 kWh operating energy
3,4 kWh manufacturing energy
225 kWh operating energy
15 incandescent lamps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com