Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 7 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 3Page - OSRAM GmbH D7BCT Datasheet HTML 4Page - OSRAM GmbH D7BCT Datasheet HTML 5Page - OSRAM GmbH D7BCT Datasheet HTML 6Page - OSRAM GmbH D7BCT Datasheet HTML 7Page - OSRAM GmbH D7BCT Datasheet HTML 8Page - OSRAM GmbH D7BCT Datasheet HTML 9Page - OSRAM GmbH D7BCT Datasheet HTML 10Page - OSRAM GmbH D7BCT Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 54 page
background image
1. General
6
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
3
2
d
d
1
d
25 W
40 W
60 W
75 W
100 W
120 W
©
5 W
©
7 W
© 11 W
© 15 W
© 20 W
© 23 W
1.3.3 OSRAM DULUX® EL
LONGLIFE
E27
Reference
DEL
DEL
DEL
DEL
LL
LL
LL***
LL**
5W
7W
11 W
11W
Fig.
1
2
2
3
Warm start (start with cathode preheating)
Yes
Yes
Yes
Yes
Power input (W)
5
7
11
11
Lamp current rms value (mA)
40
55
90
90
Peak value (mA)
150
180
270
270
Luminous flux (lm)
240
400
6001)
6301)
Luminous efficacy (lm/W)
48
57
55
57
Colour appearance
827
827
827
827
–
840
840
840
–
–
8601)
8601)
Colour rendering group
1B
1B
1B
1B
Energy Label classification
A
A
A2)
A2)
Length L1 (mm)
62
73
73
68
Length L2 (mm)
121±2
131±3
143±3
117±3
Diameter d (mm)
36
45
45
45
Weight (g)
46
67
73
62
Suitable for DC operation
Yes*
Yes*
No
No
Rated average life (h)
15000
15000
15000
15000
1)
5 % less luminous flux for colour 860
2)
Colour 860, Energy Label B
*
see 3.5.2.1
** From January 2004
*** Will be withdrawn by the end of 2003
The high quality brand name compact fluorescent lamp for standard E27 and B22d
light bulb holders.
• About 12 years life (if used for around 3 hours a day)
• Wide range from 5 W to 23 W and up to four different colour appearances
• OSRAM DULUX® EL LONGLIFE E27 lamps are suitable for most light bulb fittings
because of their compact dimensions
• Ideal for all applications that require long life and an ability to withstand frequent
on/off switching
• On/off switching as for ordinary light bulbs with no reduction in life (500.000 switching
operations possible in a 30 s on/150 s off cycle)
• OSRAM DULUX® EL LONGLIFE 5 W and 7 W are suitable for continuous operation
on DC power supplies with restrictions (see also 3.5.2.1)
• Some OSRAM DULUX® EL lamps are also available for other mains voltages
(e. g. 120 V) and other bases (with different technical data)
• Not suitable for use with dimmers, electronic switches or motion detectors
LONGLIFE
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com