Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 16 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 16 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 12Page - OSRAM GmbH D7BCT Datasheet HTML 13Page - OSRAM GmbH D7BCT Datasheet HTML 14Page - OSRAM GmbH D7BCT Datasheet HTML 15Page - OSRAM GmbH D7BCT Datasheet HTML 16Page - OSRAM GmbH D7BCT Datasheet HTML 17Page - OSRAM GmbH D7BCT Datasheet HTML 18Page - OSRAM GmbH D7BCT Datasheet HTML 19Page - OSRAM GmbH D7BCT Datasheet HTML 20Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
1. General
15
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
1.3.8 OSRAM DULUX® EL
LONGLIFE
REFLECTOR
Reference
DEL
DEL
LL
LL
REFL 15 W
REFL 20 W
Warm start (start with cathode preheating)
Yes
Yes
Power input (W)
15
20
Lamp current rms value (mA)
120
160
Peak value (mA)
360
480
Luminous intensity (cd)
335
450
Half-peak angle (50 % l0) (°)
80
80
Colour appearance
827
827
Colour rendering group
1B
1B
Length l1 (mm)
92,5
101
Length l2 (mm)
143±2
161±2
Diameter d (mm)
102
117,5
Weight (g)
145
170
Base
E27
E27
B22d
B22d
Suitable for DC operation
No
No
Rated average life (h)
15000
15000
The high quality brand name compact fluorescent lamp with new, more decorative
integrated reflector.
• OSRAM DULUX® EL LONGLIFE REFLECTOR offers the same comfort and economy
as OSRAM DULUX® EL LONGLIFE with a lamp life of about 12 years (at around
3 hours a day).
• Ideal for applications that require long life and an ability to withstand frequent on/off
switching as for ordinary light bulbs with no reduction in life (more than 500000
switching operations possible in a 30 s on/150 s off cycle)
• OSRAM DULUX® EL LONGLIFE REFLECTOR is ideal in spotlights and downlights
and can replace conventional incandescent reflector lamps; the heat on illuminated
objects is greatly reduced as a result
• The contoured wipe-clean reflector and the lamp form an optimum directional light
source
• Not suitable for DC operations, emergency lighting systems, dimmers, electronic
switches or motion detectors
© 15 W
© 20 W
75 W
100 W
LONGLIFE
d



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com