Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 12 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 8Page - OSRAM GmbH D7BCT Datasheet HTML 9Page - OSRAM GmbH D7BCT Datasheet HTML 10Page - OSRAM GmbH D7BCT Datasheet HTML 11Page - OSRAM GmbH D7BCT Datasheet HTML 12Page - OSRAM GmbH D7BCT Datasheet HTML 13Page - OSRAM GmbH D7BCT Datasheet HTML 14Page - OSRAM GmbH D7BCT Datasheet HTML 15Page - OSRAM GmbH D7BCT Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 54 page
background image
1. General
11
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
1.3.5 OSRAM DULUX® EL
LONGLIFE
CLASSIC
(Continued)
Reference
DEL
DEL
DEL
DEL
CL A
CL A
CL A
CL A**
11 W *
15 W
15 W
20 W
Fig.
3
3
3
3
Warm start (start with cathode preheating)
Yes
Yes
Yes
Yes
Power input (W)
11
15
15
20
Lamp current rms value (mA)
90
120
120
160
Peak value (mA)
270
360
360
480
Luminous flux (lm)
450
800
800
1155
Luminous efficacy (lm/W)
45
53
53
55
Colour appearance
827
827
827
827
Colour rendering group
1B
1B
1B
1B
Energy Label classification
B
A
A
A
Length l (mm)
147±2
149,5±2
142±2
152±2
Diameter d (mm)
70
70
65
70
Weight (g)
88
146
105
112
Base
E27
E27
E27
E27
B22d
B22d
B22d
B22d
Suitable for DC operation
No
No
No
No
Rated average life (h)
12000
12000
10000
10000
*
Will be withdrawn from 01/2004
** From September 2003
3
d
© 5W
© 7W
© 10 W
© 11 W
© 15 W
© 20 W
20 W
25 W
40 W
60 W
75 W
LONGLIFE
NEW
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com