Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 20 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 20 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 16Page - OSRAM GmbH D7BCT Datasheet HTML 17Page - OSRAM GmbH D7BCT Datasheet HTML 18Page - OSRAM GmbH D7BCT Datasheet HTML 19Page - OSRAM GmbH D7BCT Datasheet HTML 20Page - OSRAM GmbH D7BCT Datasheet HTML 21Page - OSRAM GmbH D7BCT Datasheet HTML 22Page - OSRAM GmbH D7BCT Datasheet HTML 23Page - OSRAM GmbH D7BCT Datasheet HTML 24Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
1. General
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
19
The high quality brand name compact fluorescent lamp with microprocessor
technology and control based on ambient light.
Operating principle:
OSRAM DULUX® EL SENSOR Plus automatically switches on at dusk and off again
at dawn. Two light sensors at the side continually measure the ambient light and
determine the infra-red content of its spectral distribution; in this way the lamp is
controlled according to available daylight (for details see how it works on page 20).
• OSRAM DULUX® EL SENSOR Plus is not affected by its own light; the lamp offers
all the comfort and economy features of OSRAM DULUX® EL LONGLIFE technology;
the OSRAM DULUX IC (integrated circuit) ensures optimum operation
• Simple „plug & play“installation for use in all standard fittings for incandescent
lamps; may only be used outdoors in enclosed and ventilated luminaires
• Automatic adjustment to ambient lighting conditions A setting controller, as on the
predecessor model OSRAM DULUX® EL SENSOR, is not needed
• The lamp indicates it is ready each time power is applied
• Not suitable for DC operation, emergency lighting systems, dimmers or electronic
switches
1.3.11 OSRAM DULUX® EL
LONGLIFE
SENSOR Plus
Reference
DEL
15 W SENSOR Plus
Warm start (start with cathode preheating)
Yes
Power input (W)
15
Lamp current rms value (mA)
120
Peak value (mA)
360
Luminous flux (lm)
900
Luminous efficacy (lm/W)
60
Colour appearance
827
Colour rendering group
1B
Energy Label classification
A
Length l1 (mm)
81,5
Length l2 (mm)
140±3
Diameter d (mm)
52
Weight (g)
95
Available with base
E27, B22d
Suitable for DC operation
No
Rated average life (h)
15000
© 15 W
75 W
d
LONGLIFE
NEW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com