Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 4 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 4 Page - OSRAM GmbH

  D7BCT Datasheet HTML 1Page - OSRAM GmbH D7BCT Datasheet HTML 2Page - OSRAM GmbH D7BCT Datasheet HTML 3Page - OSRAM GmbH D7BCT Datasheet HTML 4Page - OSRAM GmbH D7BCT Datasheet HTML 5Page - OSRAM GmbH D7BCT Datasheet HTML 6Page - OSRAM GmbH D7BCT Datasheet HTML 7Page - OSRAM GmbH D7BCT Datasheet HTML 8Page - OSRAM GmbH D7BCT Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 54 page
background image
OSRAM DULUX® EL lamps are compact fluorescent lamps with integrated electronic
control gear for mains voltage from 220 to 240 V. The lamps are available with E14 or
E27 screw bases or B22d bayonet bases, which means they are quick and simple
direct replacements for ordinary light bulbs. They offer the dual benefits of the comfort
of a ordinary light bulb and the economy of a fluorescent lamp.
OSRAM DULUX® EL lamps are particular economical. They have a reputation as „long-
distance runners“ because they consume very little electricity.
At 0.13
€/kWh, none cost more than 1/3 € Cent per hour to run.
OSRAM DULUX® EL is available in LONGLIFE and ECONOMY versions with the
following characteristics:
Main areas of application for OSRAM DULUX® compact fluorescent lamps
are as follows:
1. In the commercial sector: e. g. restaurants, hotels, ticket offices, foyers,
corridors, offices
In view of the enormous savings in electricity and replacement costs, these lamps
are ideal for areas where continous lighting is needed.
2. In the domestic sector: e. g. in living rooms and the kitchen.
OSRAM DULUX® EL LONGLIFE are needed if there are high demands to be met in
terms of lamp life and frequent on/off switching.
OSRAM DULUX® EL compact fluorescent lamps carry the CE symbol of the EU and
comply with all the relevant European standards, in particular the following:
– EN 60968
(safety requirements)
– EN 60969
(performance requirements)
– EN 61000-3-2 (mains current harmonics)
– EN 55015
(RFI suppression)
– EN 61547
(EMC Immunity Requirements)
1. General
3
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
1
General
1.1
OSRAM DULUX® EL
electronic energy-
saving lamps
1.2
International
standards
OSRAM DULUX®
OSRAM DULUX®
EL LONGLIFE
EL ECONOMY
Electricity savings compared with
80 %
up to 80 %
ordinary light bulbs of nearest light output
Lamp life (at 3 h/day)*
about 12 years
about 6 years
Average lamp life*
15000 h
8000 h
Flicker-free starting
Yes, warm start1)
Yes, cold start2)
Flicker-free light
Yes
Yes
Optimised lamp dimensions
1,2,3 turn tubes
2,3 turn tubes
Low weight
35 g to 165 g
63 g to 165 g
Thermal output
only 20% of
only 20% of
input power
input power
Reliable starting (see also Section 3.1)
down to -30ºC
down to -15ºC
Incandescent like light
Yes
Yes
On/off switching with
Yes *1)
Yes *2)
no reduction in life
500000 on/off
5000 on/off
switching operations switching operations
* All lifespan claims relate to a cycle of 165 minutes on, 15 minutes off as per current IEC regulations. The following switching
operations should not be exceeded:
For OSRAM DULUX® EL LONGLIFE: 500000 on/off operations
For OSRAM DULUX® EL ECONOMY: 5000 on/off operations
1) Start with cathode preheating, cycle 30 s on, 150 s off
2) Start without cathode preheating, cycle 30 s on, 30 s off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com