Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 32 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 32 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 28Page - OSRAM GmbH D7BCT Datasheet HTML 29Page - OSRAM GmbH D7BCT Datasheet HTML 30Page - OSRAM GmbH D7BCT Datasheet HTML 31Page - OSRAM GmbH D7BCT Datasheet HTML 32Page - OSRAM GmbH D7BCT Datasheet HTML 33Page - OSRAM GmbH D7BCT Datasheet HTML 34Page - OSRAM GmbH D7BCT Datasheet HTML 35Page - OSRAM GmbH D7BCT Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
Fig. 9:
OSRAM DULUX® EL LONGLIFE CLASSIC 5 W, 7 W, 10 W, 11 W, 15 W and 20 W
OSRAM DULUX® EL ECONOMY CLASSIC 5 W, 7 W, 9 W, 10W and 15 W
OSRAM DULUX® EL LONGLIFE GLOBE 15 W, 20 W
OSRAM DULUX® EL ECONOMY GLOBE 16 W and 21 W
Axial and radial luminous intensity distribution curves, referred to 1000 lm
90
°
150
°
120
°
60
°
30
°
Candela
90
90
40
40
80
80
0
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
31
Fig. 10
OSRAM DULUX® EL LONGLIFE REFLEKTOR 15 W, 20 W
Luminous intensity distribution curves in candela (cd), illuminance in lx
90
°
80
°
70
°
60
°
50
°
40
°
30
°
20
°
10
°
0
°
0
100
200
300
400
500
80
°, 15 W
335 lx
1,0 m
1,5 m
2,0 m
ø 336 cm
ø 252 cm
ø 168 cm
150 lx
85 lx
80
°, 20 W
450 lx
1,0 m
1,5 m
2,0 m
ø 336 cm
ø 252 cm
ø 168 cm
200 lx
110 lx
15 W, 80
°
20 W, 80
°
cd
3. Lamp data and lamp properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com