Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 39 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 39 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 35Page - OSRAM GmbH D7BCT Datasheet HTML 36Page - OSRAM GmbH D7BCT Datasheet HTML 37Page - OSRAM GmbH D7BCT Datasheet HTML 38Page - OSRAM GmbH D7BCT Datasheet HTML 39Page - OSRAM GmbH D7BCT Datasheet HTML 40Page - OSRAM GmbH D7BCT Datasheet HTML 41Page - OSRAM GmbH D7BCT Datasheet HTML 42Page - OSRAM GmbH D7BCT Datasheet HTML 43Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
38
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
3.5.3 Dimmer operation
3.5.4 Operation on
electronic switches
Brightness control with standard dimmers is not possible with OSRAM DULUX® EL
lamps.
The electronic control gear of the lamp contains a rectifier and smoothing capacitor
(electrolytic capacitor) in the input circuit. This electrolytic capacitor is always charged
to the peak value of the AC voltage; mains current flows only briefly and up to the
maximum mains voltage.
This design prohibits operation with standard dimmers since leading-edge and
trailing-edge dimmers would damage the electrolytic capacitor with their steep
voltage rises and associated high peak currents.
In addition, most dimmers require a minimum load of many times that of an OSRAM
DULUX® EL lamp so that even with the dimmer fully turned up, its switching element
would not find an adequate holding current, with the result that the lamp would be
continually switched on and off. This would not only damage the OSRAM DULUX® EL
lamp, it may also destroy the dimmer.
As an alternative to external dimmer systems, OSRAM therefore offers the OSRAM
DULUX® EL VARIO, the lamp with integrated two-stage brightness control (cf. 1.3.10).
This mode of operation is possible only if certain conditions are met.
Because of the design of the input circuit, current flows only for about 4 ms per mains
half-wave (cf. 3.5.3). The peak value of this current is three times the rms value. This
high crest factor must be taken into account when operating the lamp with electronic
switches. Simple thyristor or triac switches that are triggered only once after zero
crossing are not suitable because the OSRAM DULUX® EL does not draw holding
current at this point. An ohmic load (such as an incandescent lamp) would have to be
operated in parallel with the OSRAM DULUX® EL. This would then ensure the holding
current for the electronic switch.
More suitable are electronic switches that do not need a holding current (for example
those with a MOSFET as the active switching element), or a relay and contactor.
Note the maximum switch-on current of 25 A for approx 80
µs half-value width
(except VARIO: 48 A). A reduction to less than 1 A per OSRAM DULUX® EL is
possible if, with appropriate control of the electronic switch, the lamp is only
switched on at zero crossing.
The maximum charge taken up in the switch-on current surge is between 0.4 and
3 mAs (depending on the wattage); the maximum energy taken from the source per
switch-on current surge is 1 Ws (2 Ws if switch-on takes place at maximum mains
value). This applies to OSRAM DULUX® EL LONGLIFE, OSRAM DULUX® EL
ECONOMY, OSRAM DULUX® EL FACILITY, OSRAM DULUX® EL SENSOR Plus and
OSRAM DULUX® EL VARIO.
3. Lamp data and lamp properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com