Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 2 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 2 Page - OSRAM GmbH

  D7BCT Datasheet HTML 1Page - OSRAM GmbH D7BCT Datasheet HTML 2Page - OSRAM GmbH D7BCT Datasheet HTML 3Page - OSRAM GmbH D7BCT Datasheet HTML 4Page - OSRAM GmbH D7BCT Datasheet HTML 5Page - OSRAM GmbH D7BCT Datasheet HTML 6Page - OSRAM GmbH D7BCT Datasheet HTML 7Page - OSRAM GmbH D7BCT Datasheet HTML 8Page - OSRAM GmbH D7BCT Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 54 page
background image
Contents
1
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
1 General
3
1.1 OSRAM DULUX ® EL – Electronic energy saving lamps
3
1.2 International standards
3
1.3 Range of lamps
4
1.3.1 Overview
4
1.3.2 OSRAM DULUX® EL LONGLIFE E14
5
1.3.3 OSRAM DULUX® EL LONGLIFE E27
6
1.3.4 OSRAM DULUX® EL ECONOMY
8
1.3.5 OSRAM DULUX® EL LONGLIFE CLASSIC
10
1.3.6 OSRAM DULUX® EL ECONOMY CLASSIC
12
1.3.7 OSRAM DULUX® EL GLOBE LONGLIFE and ECONOMY
14
1.3.8 OSRAM DULUX® EL LONGLIFE REFLECTOR
15
1.3.9 OSRAM DULUX® EL FACILITY
16
1.3.10 OSRAM DULUX® EL VARIO
18
1.3.11 OSRAM DULUX® EL SENSOR Plus
19
1.3.12 OSRAM CIRCOLUX® EL
21
1.4 Economy
22
1.4.1 Comparison of operating costs
22
1.4.2 Typical replacement intervals
23
2 Function and technical design
24
2.1 Generation of light
24
2.2 Electronic control gear
25
2.2.1 Operation
25
2.2.2 Energy savings thanks to electronic control gear
26
2.2.3 Visual comfort
27
3 Lamp data and lamp properties
28
3.1 Ignition properties, start-up, switching behaviour
28
3.2 Start-up current
29
3.3 Photometric data
29
3.3.1 Spectral distributions
29
3.3.2 Luminance
30
3.3.3 Luminous intensity distribution
30
3.4 Temperature influences
32
3.4.1 Dependence on burning positions and temperature
32
3.4.2 Lamp temperatures
34
3.4.3 Notes on luminaire design
35
3.5 Power supply
35
3.5.1 Dependence on mains voltage and mains frequency
35
3.5.2 Operation on dc voltage, emergency lighting
36
3.5.2.1
OSRAM DULUX® EL LONGLIFE 5W and 7W
36
3.5.2.2
OSRAM DULUX® EL FACILITY
37
3.5.3 Dimmer operation
38
3.5.4 Operation on electronic switches
38
3.5.5 Operation on switches with load relief, spark suppression
or neon lamps parallel to the switch path
39
3.5.6 Operation on motion detectors
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com