Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 25 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 25 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 21Page - OSRAM GmbH D7BCT Datasheet HTML 22Page - OSRAM GmbH D7BCT Datasheet HTML 23Page - OSRAM GmbH D7BCT Datasheet HTML 24Page - OSRAM GmbH D7BCT Datasheet HTML 25Page - OSRAM GmbH D7BCT Datasheet HTML 26Page - OSRAM GmbH D7BCT Datasheet HTML 27Page - OSRAM GmbH D7BCT Datasheet HTML 28Page - OSRAM GmbH D7BCT Datasheet HTML 29Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 54 page
background image
2. Function and technical design
24
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
2.
Function and
technical design
2.1
Generation of light
As with all fluorescent lamps, light is generated in an OSRAM DULUX® EL lamp
by low pressure gas discharge. Electrical current is passed between the two
electrodes in the tube which is filled with partially ionised gas. The electrons
excite mercury atoms to emit short-wave ultra-violet light, which is converted
into visible light in the phosphor layer on the inside of the tube (Fig. 2).
Different light colours are produced depending on the phosphor mix.
Fig. 2: Generation of light in a fluorescent lamp
Compared with an incandescent lamp, the process described for generating light
needs only around 1/4 of the electrical energy (1/5 if electronic control gear is used).
The presence of mercury in the filler gas is crucial for optimum energy conversion in
the light generation process.
OSRAM DULUX® EL lamps are designed so that the optimum mercury pressure is
achieved in the base-up position at an ambient temperature of 25°C.
K Nucleus
H Shell electron of the atom,
on an inner orbit
e- Exciting electron due to
surge energy
A* Excited electron,
on an outer orbit
R Radiation on transition from
A* © H, light and UV
Light
Ultra-violett
radiation
Visible light
Phosphor
Hg atom
e-
A*
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com