Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 35 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 35 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 31Page - OSRAM GmbH D7BCT Datasheet HTML 32Page - OSRAM GmbH D7BCT Datasheet HTML 33Page - OSRAM GmbH D7BCT Datasheet HTML 34Page - OSRAM GmbH D7BCT Datasheet HTML 35Page - OSRAM GmbH D7BCT Datasheet HTML 36Page - OSRAM GmbH D7BCT Datasheet HTML 37Page - OSRAM GmbH D7BCT Datasheet HTML 38Page - OSRAM GmbH D7BCT Datasheet HTML 39Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 54 page
background image
34
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
3.4.2 Lamp temperatures
The VDE (Association of German Engineers) recommends maximum temperatures at
certain critical locations in luminaires to ensure safe operation.
Compared with incandescent lamps, the temperatures that occur when OSRAM
DULUX® EL are in operation are much lower on the glass itself and on
the casing, and therefore in the luminaire. This means that OSRAM DULUX® EL lamps
with higher luminous fluxes can be used in luminaires that have been approved for
incandescent lamps up to a certain wattage.
Temperatures in °C at different places on OSRAM DULUX® EL LONGLIFE lamps and
incandescent lamps (230 V, free-burning, base up):
Temperature measurement point
1*)
23
OSRAM DULUX® EL LONGLIFE 5 W
30
50
37
OSRAM DULUX® EL LONGLIFE 7 W
20
60
44
OSRAM DULUX® EL LONGLIFE 7 W
22
60
44
OSRAM DULUX® EL LONGLIFE 11 W
28
65
47
OSRAM DULUX® EL LONGLIFE 15 W
30
70
48
OSRAM DULUX® EL LONGLIFE 20 W
35
70
51
OSRAM DULUX® EL LONGLIFE 23 W
30
65
49
Incandescent lamp 40 W
70
130
65
Incandescent lamp 60 W
90
150
75
Incandescent lamp 75 W
105
175
85
Incandescent lamp 100 W
130
220
100
*) Base edge overtemperature to EN 60 360 (permitted limit values: IEC 60432-1)
Fig. 12:
Temperature measurement points on OSRAM DULUX® EL lamps and
Incandescent lamps
1
3
2
3
1
2
3. Lamp data and lamp properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com