Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D7BCT Datasheet(PDF) 30 Page - OSRAM GmbH

Part # D7BCT
Description  OSRAM DULUX® EL electronic energy saving lamps
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

D7BCT Datasheet(HTML) 30 Page - OSRAM GmbH

Back Button D7BCT Datasheet HTML 26Page - OSRAM GmbH D7BCT Datasheet HTML 27Page - OSRAM GmbH D7BCT Datasheet HTML 28Page - OSRAM GmbH D7BCT Datasheet HTML 29Page - OSRAM GmbH D7BCT Datasheet HTML 30Page - OSRAM GmbH D7BCT Datasheet HTML 31Page - OSRAM GmbH D7BCT Datasheet HTML 32Page - OSRAM GmbH D7BCT Datasheet HTML 33Page - OSRAM GmbH D7BCT Datasheet HTML 34Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 54 page
background image
29
OSRAM DULUX® EL – electronic energy saving lamps
Economical alternatives to ordinary light bulbs
Technical Guide
3.2
Start-up current
3.3
Photometric data
3.3.1 Spectral
distributions
Contrary to popular belief, frequent switching does not increase energy consumption.
At the moment of starting there is a short high surge of current of up to 25 A (approx.
80
µs half-value width, to charge the internal smoothing capacitor, VARIO: 48 A). This
small amount of energy is not lost, however, but is converted into light.
The relative spectral distribution is determined mainly by the colour appearance.
Various types and wattages have little effect on this curve.
The spectral distributions shown are therefore typical of all OSRAM DULUX® lamps of
the relevant colour appearance.
x axis: mW/(m2 x 5 nm x 1000 lx)
y axis: Wavelength in nanometres.
Notes on the diagrams:
The spectral radiant intensity distributions relate to an illuminance of 1000 lx. This has
the advantage that the absolute values of any illuminance can be determined a simply
from the following quotient:
Illuminance E (measured) x(y axis value)
1000 lx
The spectral intensities are grouped in wavelength ranges of 5 nanometres.
The values integrated across 5 nm are specified, irrespective of actual distributions.
This corresponds to the standard that is the basis for all calculations of subsequent
results (e. g. colour, colour rendering).
250
300
400
500
600
700
780 nm
100
200
300
400
500
600
Colour 827
(2700 Kelvin)
LUMILUX INTERNA®
250
300
400
500
600
700
780 nm
0
100
200
300
400
500
250
300
400
500
600
700
780 nm
0
100
200
300
400
500
Fig. 6: LUMILUX® colour appearances
Colour 860
(6000 Kelvin)
LUMILUX® Daylight
Colour 840
(4000 Kelvin)
LUMILUX® Cool White
3. Lamp data and lamp properties



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com